Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQB4P25TM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQB4P25TM
Description  250V P-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQB4P25TM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQB4P25TM Datasheet HTML 1Page - Fairchild Semiconductor FQB4P25TM Datasheet HTML 2Page - Fairchild Semiconductor FQB4P25TM Datasheet HTML 3Page - Fairchild Semiconductor FQB4P25TM Datasheet HTML 4Page - Fairchild Semiconductor FQB4P25TM Datasheet HTML 5Page - Fairchild Semiconductor FQB4P25TM Datasheet HTML 6Page - Fairchild Semiconductor FQB4P25TM Datasheet HTML 7Page - Fairchild Semiconductor FQB4P25TM Datasheet HTML 8Page - Fairchild Semiconductor FQB4P25TM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2000 Fairchild Semiconductor International
December 2000
Rev. A2, December 2000
QFET
QFET
QFET
QFETTM
FQB4P25 / FQI4P25
250V P-Channel MOSFET
General Description
These P-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology is especially tailored to minimize
on-state
resistance,
provide
superior
switching
performance, and withstand a high energy pulse in the
avalanche and commutation modes. These devices are
well suited for high efficiency switching DC/DC converters.
Features
• -4.0A, -250V, RDS(on) = 2.1Ω @VGS = -10 V
• Low gate charge ( typical 10 nC)
• Low Crss ( typical 10.3 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQB4P25 / FQI4P25
Units
VDSS
Drain-Source Voltage
-250
V
ID
Drain Current
- Continuous (TC = 25°C)
-4.0
A
- Continuous (TC = 100°C)
-2.53
A
IDM
Drain Current
- Pulsed
(Note 1)
-16
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
280
mJ
IAR
Avalanche Current
(Note 1)
-4.0
A
EAR
Repetitive Avalanche Energy
(Note 1)
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
-5.5
V/ns
PD
Power Dissipation (TA = 25°C) *
3.13
W
Power Dissipation (TC = 25°C)
75
W
- Derate above 25°C
0.6
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
1.67
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient *
--
40
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
62.5
°C/W
* When mounted on the minimum pad size recommended (PCB Mount)
D2-PAK
FQB Series
I2-PAK
FQI Series
G
S
D
G
S
D
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G


Similar Part No. - FQB4P25TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB4P25 FAIRCHILD-FQB4P25 Datasheet
579Kb / 9P
   250V P-Channel MOSFET
More results

Similar Description - FQB4P25TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF6P25 FAIRCHILD-FQPF6P25 Datasheet
534Kb / 8P
   250V P-Channel MOSFET
FQP2P25 FAIRCHILD-FQP2P25 Datasheet
549Kb / 8P
   250V P-Channel MOSFET
FQP4P25 FAIRCHILD-FQP4P25 Datasheet
568Kb / 8P
   250V P-Channel MOSFET
FQD2P25 FAIRCHILD-FQD2P25 Datasheet
535Kb / 9P
   250V P-Channel MOSFET
FQP6P25 FAIRCHILD-FQP6P25 Datasheet
508Kb / 8P
   250V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2P25 KERSEMI-KSMD2P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
KSMD4P25 KERSEMI-KSMD4P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
logo
Fairchild Semiconductor
FQD6P25TM FAIRCHILD-FQD6P25TM Datasheet
640Kb / 9P
   250V P-Channel MOSFET
FQD6P25 FAIRCHILD-FQD6P25 Datasheet
511Kb / 9P
   250V P-Channel MOSFET
FQPF4P25 FAIRCHILD-FQPF4P25 Datasheet
573Kb / 8P
   250V P-Channel MOSFET
FQB9P25 FAIRCHILD-FQB9P25 Datasheet
573Kb / 9P
   250V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com