Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

L-S110KGCT Datasheet(PDF) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part No. L-S110KGCT
Description  SURFACE MOUNT DEVICE LED
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Homepage  http://www.para.com.tw
Logo 

L-S110KGCT Datasheet(HTML) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

 
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SURFACE MOUNT DEVICE LED
Part No. : L-S110KGCT
REV:B / 3
PACKAGE OUTLINE DIMENSIONS
P.C .B O A R D
LE D DIC E
(N O N EL EC T R O D E)
R E IN F O R C IN G P IN
Notes:
1. All dimensions are in millimeters.
2. Tolerance is ± 0.1mm (.004") unless otherwise noted.
Features
Side looking special for LCD backlight.
Package in 8mm tape on 7" diameter reels.
Compatible with automatic Pick & Place equipment.
Compatible with Infrared and Wave soldering reflow solder processes.
EIA STD package.
I.C. compatible.
Pb free product.
Meet RoHS Green Product.
DRAWING NO. : DS-73-03-0005
DATE : 2009-11-26
PAGE
2 of 14
PARA-FOR-068
Release
by
PARA LIGHT DCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn