Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

L-S110KGCT Datasheet(PDF) 14 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part No. L-S110KGCT
Description  SURFACE MOUNT DEVICE LED
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Homepage  http://www.para.com.tw
Logo 

L-S110KGCT Datasheet(HTML) 14 Page - PARA LIGHT ELECTRONICS CO., LTD.

 
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
SURFACE MOUNT DEVICE LED
Part No. : L-S110KGCT
REV:B / 3
PART NO. SYSTEM :
L –
S 1 1 0 X C X X - X X X X
DRAWING NO. : DS-73-03-0005
DATE : 2009-11-26
PAGE 14 of 14
PARA-FOR-068
XXXX : Special specification for
customer
T : Taping for 7 inch reel
TC : Taping for 13 inch reel
TH : IV half binning
TP : Wavelength binning
Lens color
C : Water Clear
W : White Diffused
T : Color Transparent
D : Color Diffused
G : Gap 570nm Green
Y : GaAsp 585 nm Yellow
E : GaAsp 620 nm Orange
SR : GaAlAs 634 nm Red
KG : AlInGap 570nm Super Green
KY : AlInGap 590nm Super Yellow
KF : AlInGap 605nm Super Amber
KR : AlInGap 630 nm Super Red
LB : InGaN
470nm Blue
LG : InGaN
525nm Green
0
: Single chip
1/2 : Super thin single chip
5/6 : Dual chip
F
: Three chip(Full color)
150 : 1206
1.1T
Type
170 : 0805
0.8T
Type
191 : 0603
0.6T
Type
192 : 0603
0.4T
Type
110 : 1206
1.0T
Type
C : Top View Type
S : Side View Type
Release
by
PARA LIGHT DCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn