Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

L-S110KGCT Datasheet(PDF) 11 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part No. L-S110KGCT
Description  SURFACE MOUNT DEVICE LED
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Homepage  http://www.para.com.tw
Logo 

L-S110KGCT Datasheet(HTML) 11 Page - PARA LIGHT ELECTRONICS CO., LTD.

 
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SURFACE MOUNT DEVICE LED
Part No. : L-S110KGCT
REV:B / 3
CAUTIONS
1.Application Limitation :
The LED’s described here are intended to be used for ordinary electronic equipment (such as office equipment,
communication equipment and household application).Consult PARA’s sales in advance for information on
application in which exceptional quality and reliability are required, particularly when the failure or malfunction of
the LED’s may directly jeopardize life or health (such as airplanes, automobiles, traffic control equipment, life
support system and safety devices).
2.Storage :
Before opening the package :
The LEDs should be store kept at 5°C to 30°C or less and 85%RH or less.
After opening the package :
The LEDs should be kept at 5°C to 30°C or less and 70%RH or less. The LEDs should be soldered
within 168 hours(7 days) after opening the package.
Please avoid rapid transitions in ambient temperature in high humidity environments where
condensation may occur.
LEDs stored out of their original packaging for more than a week should be baked at 30°C for at 24 hours before
solder assembly.
3.Soldering
Do not apply any stress to the lead frame during soldering while the LED is at high temperature.
Recommended soldering condition.
Reflow Soldering :
Pre-heat 120~150°C, 120sec. MAX., Peak temperature : 240°C Max. Soldering time : 10 sec Max.
Soldering Iron : (Not recommended)
DRAWING NO. : DS-73-03-0005
DATE : 2009-11-26
PAGE
11 of 14
PARA-FOR-068
Release
by
PARA LIGHT DCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn