Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

L-S110KGCT Datasheet(PDF) 5 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part No. L-S110KGCT
Description  SURFACE MOUNT DEVICE LED
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Homepage  http://www.para.com.tw
Logo 

L-S110KGCT Datasheet(HTML) 5 Page - PARA LIGHT ELECTRONICS CO., LTD.

 
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SURFACE MOUNT DEVICE LED
Part No. : L-S110KGCT
REV:B / 3
Typical Electro-Optical Characteristics Curves
(25℃Ambient Temperature Unless Otherwise Noted)
1
Fig.6 Forward Current Derating Curve
40
Ambient Temperature Ta()
0
0
20
60
80
100
Fig.4 Relative Luminous Intensity vs.Forward Current
10
20
30
40
50
0.7
80°
90°
Fig.7 Relative Intensity vs.Angle
0.5
0.3
0.4
0.1 0.2
0.6
70°
60°
50°
40°
30°
Fig.5 Luminous Intensity vs.Ambient Temperature
0.8
0.9
1.0
Ambient Temperature Ta()
-40
-60
-20 -0
10°
20°
60
20 40
80 100
Fig.3 Luminous Intensity vs.Forward Current
Fig.2 Forward Current vs.Forward Voltage
10
100
1000
DRAWING NO. : DS-73-03-0005
DATE : 2009-11-26
PAGE
5 of 14
PARA-FOR-068
Release
by
PARA LIGHT DCC
Release
by
PARA LIGHT DCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn