Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

L-S110KGCT Datasheet(PDF) 4 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part No. L-S110KGCT
Description  SURFACE MOUNT DEVICE LED
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Homepage  http://www.para.com.tw
Logo 

L-S110KGCT Datasheet(HTML) 4 Page - PARA LIGHT ELECTRONICS CO., LTD.

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SURFACE MOUNT DEVICE LED
Part No. : L-S110KGCT
REV:B / 3
Bin Code List
Luminous Intensity(IV), Unit:mcd@20mA
Forward Voltage(VF), Unit:V@20mA
Bin Code
Min
Max
Bin Code
Min
Max
M
18.0
28.0
4
1.90
2.00
N
28.0
45.0
5
2.00
2.10
P
45.0
71.0
6
2.10
2.20
7
2.20
2.30
Tolerance of each bin are±15%
Tolerance of each bin are±0.1Volt
Dominant Wavelength (Hue),Unit: nm@20mA
Bin Code
Min
Max
GA
567.0
570.0
GB
570.0
573.0
GC
573.0
576.0
Tolerance of each bin are±1nm
Notes:
1. Luminous intensity is measured with a light sensor and filter combination that
proximities the CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous
intensity.
3. The dominant wavelength λd is derived from the CIE chromaticity diagram and
represents the single wavelength which defines the color of the device.
4. Caution in ESD :
Static Electricity and surge damages the LED. It is recommended use a wrist band or
anti-electrostatic glove when handling the LED. All devices, equipment and machinery
must be properly grounded.
5. Major standard testing equipment by “Instrument System” Model : CAS140B Compact
Array Spectrometer and “KEITHLEY” Source Meter Model : 2400.
DRAWING NO. : DS-73-03-0005
DATE : 2009-11-26
PAGE
4 of 14
PARA-FOR-068
Release
by
PARA LIGHT DCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn