Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

L-S110KGCT Datasheet(PDF) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part No. L-S110KGCT
Description  SURFACE MOUNT DEVICE LED
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Homepage  http://www.para.com.tw
Logo 

L-S110KGCT Datasheet(HTML) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SURFACE MOUNT DEVICE LED
Part No. : L-S110KGCT
REV:B / 3
Chip Materials
Dice Material : AlInGaP
Light Color : Super Green
Lens Color : Water Clear
Absolute Maximum Ratings(Ta=25℃)
Symbol
Parameter
Rating
Unit
PD
Power Dissipation
60
mW
IPF
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
60
mA
IF
Continuous Forward Current
30
mA
-
De-rating Linear From 25℃
0.25
mA/℃
VR
Reverse Voltage
5
V
ESD
Electrostatic Discharge Threshold(HBM)
Note A
2000
V
Topr
Operating Temperature Range
-40 ~ +85
Tstg
Storage Temperature Range
-40 ~ +85
Note A :
HBM : Human Body Model. Seller gives no other assurances regarding the ability of to
withstand ESD.
Electro-Optical Characteristics(Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
16.0
30.0
mcd
IF=20mA
Viewing Angle
2θ1/2
130
deg
Note 2
Peak Emission
Wavelength
λp
571
nm
Measurement @Peak
Dominant Wavelength
λd
570
nm
IF=20mA
Spectral Line
Half-Width
Δλ
15
nm
Forward Voltage
VF
2.05
2.4
V
IF =20mA
Reverse Current
IR
10
μA
VR = 5V
DRAWING NO. : DS-73-03-0005
DATE : 2009-11-26
PAGE
3 of 14
PARA-FOR-068
Release
by
PARA LIGHT DCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn