Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-C191KGCT Datasheet(PDF) 11 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # L-C191KGCT
Description  SURFACE MOUNT DEVICE LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

L-C191KGCT Datasheet(HTML) 11 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button L-C191KGCT Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. L-C191KGCT Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. L-C191KGCT Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. L-C191KGCT Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. L-C191KGCT Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. L-C191KGCT Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD. L-C191KGCT Datasheet HTML 12Page - PARA LIGHT ELECTRONICS CO., LTD. L-C191KGCT Datasheet HTML 13Page - PARA LIGHT ELECTRONICS CO., LTD. L-C191KGCT Datasheet HTML 14Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SURFACE MOUNT DEVICE LED
Part No. : L-C191KGCT
REV:B / 2
CAUTIONS
1.Application Limitation :
The LED’s described here are intended to be used for ordinary electronic equipment (such as office equipment,
communication equipment and household application).Consult PARA’s sales in advance for information on
application in which exceptional quality and reliability are required, particularly when the failure or malfunction of
the LED’s may directly jeopardize life or health (such as airplanes, automobiles, traffic control equipment, life
support system and safety devices).
2.Storage :
Before opening the package :
The LEDs should be store kept at 5°C to 30°C or less and 85%RH or less.
After opening the package :
The LEDs should be kept at 5°C to 30°C or less and 70%RH or less. The LEDs should be soldered within 168
hours(7 days) after opening the package.
Please avoid rapid transitions in ambient temperature in high humidity environments where condensation may occur.
LEDs stored out of their original packaging for more than a week should be baked at 30°C for at 24 hours before
solder assembly.
3.Soldering
Do not apply any stress to the lead frame during soldering while the LED is at high temperature.
Recommended soldering condition.
Reflow Soldering :
Pre-heat 120~150°C, 120sec. MAX., Peak temperature : 240°C Max. Soldering time : 10 sec Max.
Soldering Iron : (Not recommended)
DRAWING NO. : DS-74-03-0004
DATE : 2013-04-03
PAGE
11 of 14
PARA-FOR-068
Release
by
PARA LIGHT DCC


Similar Part No. - L-C191KGCT

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
L-C191KFCT PARALIGHT-L-C191KFCT Datasheet
321Kb / 14P
   SURFACE MOUNT DEVICE LED
More results

Similar Description - L-C191KGCT

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
0603KRCT HB-0603KRCT Datasheet
745Kb / 10P
   SURFACE MOUNT DEVICE LED
0603LGCT HB-0603LGCT Datasheet
811Kb / 10P
   SURFACE MOUNT DEVICE LED
logo
PARA LIGHT ELECTRONICS ...
L-T670KGCT PARALIGHT-L-T670KGCT Datasheet
745Kb / 14P
   SURFACE MOUNT DEVICE LED
L-T670WDT-NW2-Q PARALIGHT-L-T670WDT-NW2-Q Datasheet
297Kb / 17P
   SURFACE MOUNT DEVICE LED
L-T2835WDT-NW1-Q PARALIGHT-L-T2835WDT-NW1-Q Datasheet
222Kb / 15P
   SURFACE MOUNT DEVICE LED
L-T670WDT-CW1 PARALIGHT-L-T670WDT-CW1 Datasheet
882Kb / 16P
   SURFACE MOUNT DEVICE LED
L-C155TBJSCT-5A PARALIGHT-L-C155TBJSCT-5A Datasheet
234Kb / 13P
   SURFACE MOUNT DEVICE LED
L-C170JGCT PARALIGHT-L-C170JGCT Datasheet
273Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170JYCT PARALIGHT-L-C170JYCT Datasheet
301Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170LBCT PARALIGHT-L-C170LBCT Datasheet
307Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170WDT PARALIGHT-L-C170WDT Datasheet
294Kb / 15P
   SURFACE MOUNT DEVICE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com