Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5820M53-T1 Datasheet(PDF) 2 Page - California Eastern Labs

Part # NE5820M53-T1
Description  P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE5820M53-T1 Datasheet(HTML) 2 Page - California Eastern Labs

  NE5820M53-T1 Datasheet HTML 1Page - California Eastern Labs NE5820M53-T1 Datasheet HTML 2Page - California Eastern Labs NE5820M53-T1 Datasheet HTML 3Page - California Eastern Labs NE5820M53-T1 Datasheet HTML 4Page - California Eastern Labs NE5820M53-T1 Datasheet HTML 5Page - California Eastern Labs NE5820M53-T1 Datasheet HTML 6Page - California Eastern Labs NE5820M53-T1 Datasheet HTML 7Page - California Eastern Labs NE5820M53-T1 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NE5820M53
R09DS0005EJ0200 Rev.2.00
Page 2 of 6
May 20, 2011
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Input Voltage
(IN-GND)
Vin
−0.8 to +0.8
V
Input Current
(IN-GND)
Iin
0.5
mA
Output Voltage
(OUT-GND)
Vout
−0.5 to +6
V
Output Current
(OUT-GND)
Iout
17
mA
Channel Temperature
Tch
130
°C
Operating Ambient Temperature
TA
−40 to +95
°C
Storage Temperature
Tstg
−65 to +150
°C
RECOMMENDED OPERATING RANGE (TA = +25
°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage
Note
VDD
1.0
2.0
10.0
V
Note: RL = 15 k
Ω
ELECTRICAL CHARACTERISTICS
(TA = +25
°C, RL = 15 kΩ, unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Consumption Current
IDD
VDD = 2 V, Vin = 0 V
60
85
105
μA
Input Capacitance
Ciss
VDD = 2 V, f = 1 MHz
1.5
pF
Voltage Gain
GV
VDD = 2 V, Vin = 10 mVrms,
Cin = 3 pF, f = 1 kHz,
see TEST CIRCUIT
−4.5
−3.0
dB
Reduced Voltage Characteristics
ΔGVV
VDD = 2
→ 1.5 V, Vin = 10 mVrms,
Cin = 3 pF, f = 1 kHz,
see TEST CIRCUIT
0.3
dB
Frequency Characteristics
ΔGVf
VDD = 2 V, Vin = 10 mVrms,
Cin = 3 pF, f = 1 kHz
→ 110 Hz,
see TEST CIRCUIT
0.05
dB
Output Noise Voltage
NV
VDD = 2 V, Vin = 0 Vrms, Cin = 3 pF,
A-Curve,
see TEST CIRCUIT
−114
dBV
Total Harmonic Distortion
THD
VDD = 2 V, Vout = 30 mVrms,
Cin = 3 pF, f = 1 kHz,
see TEST CIRCUIT
0.1
%
TEST CIRCUIT
Voltage Gain, Frequency Characteristics, Output Noise Voltage, Total Harmonic Distortion
33 F
μ
15 k
Ω
Vin
3 pF
VDD
Vout
<R>
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - NE5820M53-T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5820M53-T1 RENESAS-NE5820M53-T1 Datasheet
182Kb / 8P
   P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
More results

Similar Description - NE5820M53-T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5820M53 RENESAS-NE5820M53_15 Datasheet
194Kb / 8P
   P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
NE5820M53 RENESAS-NE5820M53 Datasheet
182Kb / 8P
   P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
logo
NEC
2SK3230 NEC-2SK3230 Datasheet
50Kb / 8P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK2552B NEC-2SK2552B Datasheet
124Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3783 NEC-2SK3783 Datasheet
111Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3717 NEC-2SK3717 Datasheet
43Kb / 4P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3719 NEC-2SK3719 Datasheet
116Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
logo
Renesas Technology Corp
2SK2552 RENESAS-2SK2552 Datasheet
120Kb / 6P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
November 2004
logo
NEC
2SK3782 NEC-2SK3782 Datasheet
111Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3230B NEC-2SK3230B Datasheet
123Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com