Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-C170QRCT Datasheet(PDF) 9 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # L-C170QRCT
Description  SURFACE MOUNT DEVICE LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

L-C170QRCT Datasheet(HTML) 9 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button L-C170QRCT Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. L-C170QRCT Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. L-C170QRCT Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. L-C170QRCT Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. L-C170QRCT Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. L-C170QRCT Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. L-C170QRCT Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD. L-C170QRCT Datasheet HTML 12Page - PARA LIGHT ELECTRONICS CO., LTD. L-C170QRCT Datasheet HTML 13Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SURFACE MOUNT DEVICE LED
Part No. : L-C170QRCT
REV:A / 2
! Cleaning
!
If cleaning is required , use the following solutions for less than 1 minute and less than 40℃.
!
Appropriate chemicals: Ethyl alcohol and isopropyl alcohol.
!
Effect of ultrasonic cleaning on the LED resin body differs depending on such factors as
the oscillator output, size of PCB and LED mounting method. The use of ultrasonic
cleaning should be enforced at proper output after confirming there is no problem.
! Suggest Soldering Pad Dimensions
Direction of PWB camber
and go to reflow furnace
DRAWING NO. : DS-72-06-0010
DATE : 2007-05-18
PAGE
9 of 14
PARA-FOR-068
Release
by
PARA LIGHT DCC


Similar Part No. - L-C170QRCT

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
L-C170JFCT PARALIGHT-L-C170JFCT Datasheet
287Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170JGCT PARALIGHT-L-C170JGCT Datasheet
273Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170JRCT PARALIGHT-L-C170JRCT Datasheet
271Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170JYCT PARALIGHT-L-C170JYCT Datasheet
301Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170KFCT PARALIGHT-L-C170KFCT Datasheet
309Kb / 14P
   SURFACE MOUNT DEVICE LED
More results

Similar Description - L-C170QRCT

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
0603KRCT HB-0603KRCT Datasheet
745Kb / 10P
   SURFACE MOUNT DEVICE LED
0603LGCT HB-0603LGCT Datasheet
811Kb / 10P
   SURFACE MOUNT DEVICE LED
logo
PARA LIGHT ELECTRONICS ...
L-T670KGCT PARALIGHT-L-T670KGCT Datasheet
745Kb / 14P
   SURFACE MOUNT DEVICE LED
L-T670WDT-NW2-Q PARALIGHT-L-T670WDT-NW2-Q Datasheet
297Kb / 17P
   SURFACE MOUNT DEVICE LED
L-T2835WDT-NW1-Q PARALIGHT-L-T2835WDT-NW1-Q Datasheet
222Kb / 15P
   SURFACE MOUNT DEVICE LED
L-T670WDT-CW1 PARALIGHT-L-T670WDT-CW1 Datasheet
882Kb / 16P
   SURFACE MOUNT DEVICE LED
L-C155TBJSCT-5A PARALIGHT-L-C155TBJSCT-5A Datasheet
234Kb / 13P
   SURFACE MOUNT DEVICE LED
L-C170JGCT PARALIGHT-L-C170JGCT Datasheet
273Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170JYCT PARALIGHT-L-C170JYCT Datasheet
301Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170LBCT PARALIGHT-L-C170LBCT Datasheet
307Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170WDT PARALIGHT-L-C170WDT Datasheet
294Kb / 15P
   SURFACE MOUNT DEVICE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com