Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EL7202C Datasheet(PDF) 3 Page - Elantec Semiconductor

Part No. EL7202C
Description  High Speed, Dual Channel Power MOSFET Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ELANTEC [Elantec Semiconductor]
Homepage  http://www.elantec.com
Logo 

EL7202C Datasheet(HTML) 3 Page - Elantec Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EL7202CEL7212CEL7222C
High Speed Dual Channel Power MOSFET Drivers
AC Electrical Characteristics T
A
e
25 C V e 15V unless otherwise specified
Parameter
Description
Test
Min
Typ
Max
Test
Units
Conditions
Level
Switching Characteristics
tR
Rise Time
CL e 500 pF
75
IV
ns
CL e 1000 pF
10
20
tF
Fall Time
CL e 500 pF
10
IV
ns
CL e 1000 pF
13
20
tD1
Turn-On Delay Time
See Timing Table
18
25
IV
ns
tD2
Turn-Off Delay Time
See Timing Table
20
25
IV
ns
Timing Table
7202 – 4
Standard Test Configuration
7202 – 19
Simplified Schematic
7202 – 5
3


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn