Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9303L-AX Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS9303L-AX
Description  1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9303L-AX Datasheet(HTML) 5 Page - California Eastern Labs

  PS9303L-AX Datasheet HTML 1Page - California Eastern Labs PS9303L-AX Datasheet HTML 2Page - California Eastern Labs PS9303L-AX Datasheet HTML 3Page - California Eastern Labs PS9303L-AX Datasheet HTML 4Page - California Eastern Labs PS9303L-AX Datasheet HTML 5Page - California Eastern Labs PS9303L-AX Datasheet HTML 6Page - California Eastern Labs PS9303L-AX Datasheet HTML 7Page - California Eastern Labs PS9303L-AX Datasheet HTML 8Page - California Eastern Labs PS9303L-AX Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet PN10694EJ04V0DS
5
PS9303L,PS9303L2
ELECTRICAL
CHARACTERISTICS (TA =
40 to +100 C, VCC = 4.5 to 20 V, unless otherwise
specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25 C
1.2
1.6
1.9
V
Reverse Current
IR
VR = 3 V, TA = 25 C
10
A
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz, TA = 25 C
30
pF
Detector High Level Output Voltage
VOH
VCC = 5 V, IO = 3.5 mA, IF = 10 mA
2.4
3.5
V
VCC = 20 V, IO = 3.5 mA, IF = 10 mA
17.4
18.1
Low Level Output Voltage
*2
VOL
IO = 3.5 mA, VF = 0 V
0.1
0.35
V
High Level Supply Current
ICCH
VCC = 5 V, IF = 10 mA
1.6
2.7
mA
VCC = 20 V, IF = 10 mA
1.8
3
Low Level Supply Current
ICCL
VCC = 5 V, VF = 0 V
2.7
3.7
mA
VCC = 20 V, VF = 0 V
2.9
4
High Level Output Short
Circuit Current
IOSH
VCC = 20 V, VO = GND, IF = 10 mA
7
40
mA
Low Level Output Short
Circuit Current
IOSL
VCC = VO = 20 V, VF = 0 V
7
40
mA
Coupled
Threshold Input Current
IFLH
VCC = 5 V, VO > 2.4 V, IO = 3.5 mA
2.4
5
mA
Isolation Resistance
RI-O
VI-O = 500 VDC, RH = 60%, TA = 25 C
10
12
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz, TA = 25 C
0.6
pF
Propagation Delay Time
(H
L)
*3
tPHL
VCC = 20 V, CL = 100 pF,
IF = 10
0 mA, VTHHL = 1.3 V
50
185
550
ns
Propagation Delay Time
(L
H)
*3
tPLH
VCC = 20 V, CL = 100 pF,
IF = 0
10 mA, VTHLH = 1.3 V
50
240
500
ns
Pulse Width Distortion
(PWD)
tPLH-tPHL
VCC = 20 V, CL = 100 pF,
IF = 10
0 mA
55
350
ns
Rise Time (10-90%)
*3
tr
VCC = 20 V, CL = 100 pF,
IF = 0
10 mA
120
ns
Fall Time (90-10%)
*3
tf
VCC = 20 V, CL = 100 pF,
IF = 10
0 mA
90
ns
Common Mode
Transient Immunity at High
Level Output
*4
CMH
VCC = 5 V, TA = 25 C, IF = 10 mA,
VCM = 1.5 kV, VO (MIN.) = 2.4 V
15
kV/ s
Common Mode
Transient Immunity at Low
Level Output
*4
CML
VCC = 5 V, TA = 25 C, IF = 0 mA,
VCM = 1.5 kV, VO (MAX.) = 0.35 V
15
kV/ s


Similar Part No. - PS9303L-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9303L-E3 RENESAS-PS9303L-E3 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
PS9303L-V RENESAS-PS9303L-V Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
PS9303L-V-E3 RENESAS-PS9303L-V-E3 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
More results

Similar Description - PS9303L-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9309L RENESAS-PS9309L_15 Datasheet
516Kb / 18P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PS9309L RENESAS-PS9309L Datasheet
273Kb / 14P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9309L CEL-PS9309L Datasheet
1Mb / 10P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
COSMO Electronics Corp...
K1010T COSMO-K1010T Datasheet
945Kb / 11P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 NEC-PS9115 Datasheet
251Kb / 12P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9009 RENESAS-PS9009 Datasheet
859Kb / 16P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
logo
California Eastern Labs
PS9324L CEL-PS9324L Datasheet
719Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com