Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9124-V Datasheet(PDF) 9 Page - California Eastern Labs

Part # PS9124-V
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9124-V Datasheet(HTML) 9 Page - California Eastern Labs

Back Button PS9124-V Datasheet HTML 5Page - California Eastern Labs PS9124-V Datasheet HTML 6Page - California Eastern Labs PS9124-V Datasheet HTML 7Page - California Eastern Labs PS9124-V Datasheet HTML 8Page - California Eastern Labs PS9124-V Datasheet HTML 9Page - California Eastern Labs PS9124-V Datasheet HTML 10Page - California Eastern Labs PS9124-V Datasheet HTML 11Page - California Eastern Labs PS9124-V Datasheet HTML 12Page - California Eastern Labs PS9124-V Datasheet HTML 13Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PS9124
Chapter Title
R08DS0049EJ0100 Rev.1.00
Page 9 of 15
Aug 30, 2013
Remark The graphs indicate nominal characteristics.
Ambient Temperature TA (
°C)
SWITCHING TIME vs.
AMBIENT TEMPERATURE
-25
0
25
50
100
125
75
-50
-25
0
25
50
100
125
75
-50
Forward Current IF (mA)
Forward Current IF (mA)
5
10
20
15
25
5
10
20
15
25
100
0
40
30
20
10
50
60
70
80
90
100
0
40
30
20
10
50
60
70
80
90
50
0
20
15
10
5
25
30
35
40
45
50
0
20
15
10
5
25
30
35
40
45
Ambient Temperature TA (
°C)
SWITCHING TIME vs.
AMBIENT TEMPERATURE
VCC = 3.3 V,
TA = 25
°C,
RL = 350
Ω
VCC = 3.3 V,
IF = 4.5 mA,
RL = 350
Ω
VCC = 5 V,
IF = 4.5 mA,
RL = 350
Ω
VCC = 5 V,
TA = 25
°C,
RL = 350
Ω
tPLH
tPLH
tPHL
tr
tf
tr
tf
tPHL
PWD
PWD
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. FORWARD CURRENT
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. FORWARD CURRENT
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9124-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9124-V RENESAS-PS9124-V Datasheet
450Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9124-V-F3 RENESAS-PS9124-V-F3 Datasheet
450Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
More results

Similar Description - PS9124-V

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9117 CEL-PS9117 Datasheet
412Kb / 13P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9124_15 RENESAS-PS9124_15_15 Datasheet
450Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9117A CEL-PS9117A Datasheet
404Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
NEC
PS9117A NEC-PS9117A Datasheet
162Kb / 14P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9114 CEL-PS9114 Datasheet
388Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS9114 ETC-PS9114 Datasheet
112Kb / 5P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9121-A CEL-PS9121-A Datasheet
287Kb / 15P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
logo
Renesas Technology Corp
PS9121 RENESAS-PS9121_15 Datasheet
301Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
PS9121 RENESAS-PS9121 Datasheet
293Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
PS9122 RENESAS-PS9122 Datasheet
318Kb / 20P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com