Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9309L-V-E3 Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS9309L-V-E3
Description  Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9309L-V-E3 Datasheet(HTML) 5 Page - California Eastern Labs

  PS9309L-V-E3 Datasheet HTML 1Page - California Eastern Labs PS9309L-V-E3 Datasheet HTML 2Page - California Eastern Labs PS9309L-V-E3 Datasheet HTML 3Page - California Eastern Labs PS9309L-V-E3 Datasheet HTML 4Page - California Eastern Labs PS9309L-V-E3 Datasheet HTML 5Page - California Eastern Labs PS9309L-V-E3 Datasheet HTML 6Page - California Eastern Labs PS9309L-V-E3 Datasheet HTML 7Page - California Eastern Labs PS9309L-V-E3 Datasheet HTML 8Page - California Eastern Labs PS9309L-V-E3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Preliminary document
Specifications in this document are tentative and subject to change.
PS9309L, PS9309L2
Chapter Title
f
o
5
e
g
a
P
10
Mar 3, 2011
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
IF
20
mA
Reverse Voltage
VR
5
V
Detector
Supply Voltage
VCC
0.5 to +20
V
Output Voltage
VO
0.5 to +20
V
Output Current
IO
25
mA
Power Dissipation*2
PC
210
mW
Isolation Voltage *4
BV
5 000
Vr.m.s.
Operating Ambient Temperature
TA
40 to +110
°
C
Storage Temperature
Tstg
55 to +125
°
C
Notes: *1. Reduced to 0.5 mW/°C at TA = 70°C or more.
*2. Reduced to 3.88 mW/°C at TA = 70°C or more
*3. AC voltage for 1 minute at TA = 25°C, RH = 60% between input and output.
Pins 1-3 shorted together, 4-6 shorted together.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
V
e
g
a
tl
o
V
yl
p
p
u
S
CC
4.5
15
20
V
V
e
g
a
tl
o
V
t
u
p
t
u
O
O
0
20
V
Forward Current (ON)
IF (ON)
4
10
mA
Forward Voltage (OFF)
VF (OFF)
0
0.8
V
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9309L-V-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9309L-V-E3 RENESAS-PS9309L-V-E3 Datasheet
273Kb / 14P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PS9309L-V-E3 RENESAS-PS9309L-V-E3 Datasheet
516Kb / 18P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9309L-V-E3

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
K1010T COSMO-K1010T Datasheet
945Kb / 11P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9309L RENESAS-PS9309L_15 Datasheet
516Kb / 18P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PS9309L RENESAS-PS9309L Datasheet
273Kb / 14P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9303L CEL-PS9303L Datasheet
987Kb / 16P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9009 RENESAS-PS9009 Datasheet
859Kb / 16P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
RV1S9209A RENESAS-RV1S9209A Datasheet
5Mb / 16P
   LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER,
Mar 29,2021
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 NEC-PS9115 Datasheet
251Kb / 12P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com