Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP-4015 Datasheet(PDF) 1 Page - Anaren Microwave

Part # RFP-4015
Description  Hybrid Couplers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

RFP-4015 Datasheet(HTML) 1 Page - Anaren Microwave

  RFP-4015 Datasheet HTML 1Page - Anaren Microwave RFP-4015 Datasheet HTML 2Page - Anaren Microwave RFP-4015 Datasheet HTML 3Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model RFP- 4015
Hybrid Couplers
3 dB, 90
o
Outline Drawing
REVISED DESCRIPTION
CHANGE SPECS.
2126
B
D
C
3055
2855 REVISE DWG
A
373
RELEASE
1/99
TJD
5/00
2/00
TJD
TJD
4/96
TJD
R.F.P. CASE 211
SILVER 0.005 THICK.
99.99% PURE
D
CONVERTED FROM RFP TO AMI
02/16/05
E
RCN
09/29/05
UPDATE MARKING SCHEME
F
10/06
JSS
-3dB
IN
ISO
RFP-915-90-400
-3dB
Power
Components
Inc.
RF
Applications_____________
Microstrip Circuits
Dividers/Combiners
Switch Networks
Balanced Detectors
Antenna Feeds
Features________________
0.8 – 1.0 GHz
Welded Tab mount
Reliable Performance
Handles 400 Watts
Meets MIL-E-5400 Class 3 Requirements
NOTES: Anaren Power rating applies when solder tab/coupler interface has been
conformally coated.
Electrical and Mechanical Specifications subject to change without notice.


Similar Part No. - RFP-4015

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-4015 ANAREN-RFP-4015 Datasheet
202Kb / 2P
   Hybrid Couplers
More results

Similar Description - RFP-4015

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1H0568-3 ANAREN-1H0568-3_14 Datasheet
142Kb / 4P
   Hybrid Couplers
10040-3 ANAREN-10040-3_14 Datasheet
227Kb / 4P
   Hybrid Couplers
10264-3 ANAREN-10264-3_14 Datasheet
297Kb / 3P
   Hybrid Couplers
logo
List of Unclassifed Man...
S03A1500W1 ETC-S03A1500W1 Datasheet
650Kb / 2P
   HYBRID COUPLERS
S03B700W1 ETC-S03B700W1 Datasheet
603Kb / 2P
   HYBRID COUPLERS
logo
Anaren Microwave
1A0230-3 ANAREN-1A0230-3 Datasheet
296Kb / 2P
   Hybrid Couplers
1E0320-3 ANAREN-1E0320-3 Datasheet
150Kb / 1P
   Hybrid Couplers
1R0260-3 ANAREN-1R0260-3 Datasheet
130Kb / 1P
   Hybrid Couplers
1R0263-3 ANAREN-1R0263-3 Datasheet
283Kb / 2P
   Hybrid Couplers
1Z0262-3 ANAREN-1Z0262-3 Datasheet
177Kb / 1P
   Hybrid Couplers
1Z0280-3 ANAREN-1Z0280-3 Datasheet
181Kb / 1P
   Hybrid Couplers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com