Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9506L1 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS9506L1
Description  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9506L1 Datasheet(HTML) 1 Page - California Eastern Labs

  PS9506L1 Datasheet HTML 1Page - California Eastern Labs PS9506L1 Datasheet HTML 2Page - California Eastern Labs PS9506L1 Datasheet HTML 3Page - California Eastern Labs PS9506L1 Datasheet HTML 4Page - California Eastern Labs PS9506L1 Datasheet HTML 5Page - California Eastern Labs PS9506L1 Datasheet HTML 6Page - California Eastern Labs PS9506L1 Datasheet HTML 7Page - California Eastern Labs PS9506L1 Datasheet HTML 8Page - California Eastern Labs PS9506L1 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
0
2
f
o
1
e
g
a
P
0
0
.
1
.
v
e
R
0
0
1
0
J
E
8
1
0
0
S
D
8
0
R
Nov 10, 2011
PIN CONNECTION
(Top View)
1. NC
2. Anode
3. Cathode
4. NC
5. VEE
6. VO
7. NC
8. VCC
1 2 3 4
876 5
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
Preliminary
Data Sheet
PS9506,PS9506L1,
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
DESCRIPTION
The PS9506, PS9506L1, PS9506L2 and PS9506L3 are optically coupled isolators containing a GaAlAs LED on the
input side and a photo diode, a signal processing circuit and a power output transistor on the output side on one chip.
The PS9506 Series is designed specifically for high common mode transient immunity (CMR) and high switching
speed.
The PS9506 Series is suitable for driving IGBTs and MOS FETs.
The PS9506 Series is in a plastic DIP (Dual In-line Package).
The PS9506L1 is lead bending type for long creepage distance.
The PS9506L2 is lead bending type for long creepage distance (Gull-wing) for surface mount.
The PS9506L3 is lead bending type (Gull-wing) for surface mounting.
FEATURES
Long creepage distance (8 mm MIN.: PS9506L1, PS9506L2)
Peak output current (0.6 A MAX., 0.4 A MIN.)
High speed switching (tPLH, tPHL = 0.4 μs MAX.)
High common mode transient immunity (CMH, CML = ±25 kV/μs MIN.)
Embossed tape product : PS9506L2-E3, PS9506L3-E3: 1 000 pcs/reel
Pb-Free product
Safety standards
UL approved: No. E72422
CSA approved: No. CA 101391 (CA5A, CAN/CSA-C22.2 60065, 60950)
SEMKO approved: No. 1115598
DIN EN60747-5-2 (VDE0884 Part2) approved: No. 40024069 (Option)
APPLICATIONS
IGBT, Power MOS FET Gate Driver
Industrial inverter
IH (Induction Heating)
R08DS0018EJ0100
Rev.1.00
Nov 10, 2011
<R>
PS9506L2,PS9506L3
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9506L1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9506L1 RENESAS-PS9506L1 Datasheet
344Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9506L1 RENESAS-PS9506L1 Datasheet
336Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9506L1-V RENESAS-PS9506L1-V Datasheet
344Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9506L1-V RENESAS-PS9506L1-V Datasheet
336Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results

Similar Description - PS9506L1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9506 RENESAS-PS9506 Datasheet
344Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9506 RENESAS-PS9506_15 Datasheet
336Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9552 RENESAS-PS9552_15 Datasheet
354Kb / 24P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9552 NEC-PS9552 Datasheet
218Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9531 CEL-PS9531 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9505 RENESAS-PS9505 Datasheet
315Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9505 CEL-PS9505 Datasheet
3Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9531 RENESAS-PS9531_15 Datasheet
657Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com