Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLR-343YYT32 Datasheet(PDF) 2 Page - Rohm

Part # SLR-343YYT32
Description  Viewing angle 20 1/2 40
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-343YYT32 Datasheet(HTML) 2 Page - Rohm

  SLR-343YYT32 Datasheet HTML 1Page - Rohm SLR-343YYT32 Datasheet HTML 2Page - Rohm SLR-343YYT32 Datasheet HTML 3Page - Rohm SLR-343YYT32 Datasheet HTML 4Page - Rohm SLR-343YYT32 Datasheet HTML 5Page - Rohm SLR-343YYT32 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FORWARD VOLTAGE
:VF (V)
1.0
1.5
2.0
3.0
2.5
Ta=25°C
50
20
10
5.0
2.0
1.0
0.5
0.2
0.1
ATMOSPHERE TEMPERATURE
:Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
FOWARD CURRENT
:IF (mA)
0
1.2
1.0
0.8
0.6
0.4
0.2
0
5
10
15
20
25
Ta=25°C
AMBIENT TEMPERATURE
:Ta (
°C)
0
10
20
30
-40
-20
0
20
40
60
80
100
SLR-343VR
SLR-343VC
SLR-343DU
SLR-343DC
SLR-343YY
SLR-343YC
SLR-343MG
SLR-343MC
SLR-343PG
SLR-343PC
ATMOSPHERE TEMPERATURE
:Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
FOWARD CURRENT
:IF (mA)
0
0.5
1.0
1.5
Ta=25°C
010
30
20
AMBIENT TEMPERATURE
:Ta (
°C)
0
10
20
40
30
-40
-20
0
20
40
60
80
100
SLR-343VR
SLR-343VC
SLR-343DU
SLR-343DC
SLR-343YY
SLR-343YC
SLR-343MG
SLR-343MC
SLR-343PG
SLR-343PC
SLR343ECT
SLR343BCT
SLR343EC4T
SLR343BC4T
SLR343BC7T
SLR343WBC7T
SLR343ECT
SLR343EC4T
SLR343BCT
SLR343BC4T
SLR343BC7T
SLR343WBC7T
SLR343ECT
SLR343EC4T
SLR343BCT
SLR343BC4T
SLR343BC7T
SLR343WBC7T
SLR343ECT
SLR343EC4T
SLR343BCT
SLR343BC4T
SLR343BC7T
SLR343WBC7T
SLR-343VR
SLR-343VC
SLR-343DU
SLR-343DC
SLR-343YY
SLR-343YC
SLR-343MG
SLR-343MC
SLR-343PG
SLR-343PC
SLR-343VR
SLR-343VC
SLR-343DU
SLR-343DC
SLR-343YY
SLR-343YC
SLR-343MG
SLR-343MC
SLR-343PG
SLR-343PC
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Derating
SLR-343 Series
Luminous Intensity-Forward Current
2/4
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2013.04 - Rev.D


Similar Part No. - SLR-343YYT32

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-343YY ROHM-SLR-343YY Datasheet
247Kb / 3P
   STANDARD TYPE 3.1 CIRCULAR TYPE LED LAMPS
SLR-343YY ROHM-SLR-343YY Datasheet
54Kb / 6P
   Reflecting small LEDs, directly mountable (3.1mm) (no need for solder modification)
SLR-343YY ROHM-SLR-343YY Datasheet
164Kb / 5P
   Competent to direct mount
SLR-343YY ROHM-SLR-343YY Datasheet
176Kb / 5P
   SLR-343 Series
SLR-343YY ROHM-SLR-343YY Datasheet
164Kb / 5P
   Electrical Characteristics Curves
More results

Similar Description - SLR-343YYT32

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-56VC3F ROHM-SLR-56VC3F Datasheet
1Mb / 8P
   Viewing angle 20 1/2 40
SLI-343UR3F ROHM-SLI-343UR3F Datasheet
139Kb / 4P
   Viewing angle 20 1/2 40
SLR-342MG3F ROHM-SLR-342MG3F Datasheet
878Kb / 4P
   Viewing angle 20 1/2 40
SLR-56MGT32 ROHM-SLR-56MGT32 Datasheet
899Kb / 4P
   Viewing angle 20 1/2 40
SLR-342VRT32 ROHM-SLR-342VRT32 Datasheet
810Kb / 5P
   Viewing angle 20 1/2 40
SLI-343D8U3F ROHM-SLI-343D8U3F Datasheet
145Kb / 4P
   Viewing angle 2 1/2 40
SLR-56MC3F ROHM-SLR-56MC3F Datasheet
899Kb / 4P
   Viewing angle 2 1/2 : 40
SLR-342 ROHM-SLR-342_10 Datasheet
878Kb / 4P
   Viewing angle 2 1/2 : 40 Series
SLR-325VC ROHM-SLR-325VC Datasheet
122Kb / 3P
   Viewing angle 2 1/2 : 40 Lead pitch 5mm
SLI-570U2T ROHM-SLI-570U2T Datasheet
129Kb / 3P
   Viewing angle 2 1/2 : 20 (SLI-570 Series) Viewing angle 2 1/2 : 25 (SLA-570 Series)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com