Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL0902A600 Datasheet(PDF) 1 Page - Littelfuse

Part # SL0902A600
Description  Gas Discharge Tube (GDT) Products
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL0902A600 Datasheet(HTML) 1 Page - Littelfuse

  SL0902A600 Datasheet HTML 1Page - Littelfuse SL0902A600 Datasheet HTML 2Page - Littelfuse SL0902A600 Datasheet HTML 3Page - Littelfuse SL0902A600 Datasheet HTML 4Page - Littelfuse SL0902A600 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2010 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
13
Revised: July 6, 2010
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
CG5 and SL0902A Series
CG5 and SL0902A Series
Description
Littelfuse Broadband OptimizedSL0902A Series offers
high surge ratings in a miniature package. Special design
features provide high levels of protection against fast
rising transients in the 100V/μs to 1kV/μs range usually
caused by lightning disturbances. Low insertion loss is
perfectly suited to broadband equipment applications.
The capacitance does not vary with voltage, and will
not cause operational problems with ADSL2+, where
capacitance variation across Tip and Ring is undesirable.
These devices are extremely robust and are able to
divert a 2500A pulse without destruction. For AC
Power Cross of long duration, overcurrent protection is
recommended.
Littelfuse CG5 MS mini surge arresters are specifically
designed for protection of electrical and communication
equipment against over voltage transients in surface
mount assembly applications. This series offers the most
cutting edge protection using non-radioactive elements.
Features
• RoHS compliant and
Lead-free
• GHz working frequency
• Excellent stability on
multiple pulse duty cycle
• Excellent response to
fast rising transients.
• Ultra Low Insertion Loss
• 2.5KA surge capability
tested with 8/20μS
pulse as defined by IEC
61000-4-5
• Ultra small devices
offered in a variety of
mounting lead forms
• Non-Radioactive
• Low capacitance (<1pF)
• Voltage Ranges 90V to
600V
• UL recognized
• Conforms to ITU-T K12,
IEC 1000-4-5
Applications
CG5 and SL0902A Series
2 Electrode GDT Graphical Symbol
Agency Approvals
AGENCY
AGENCY FILE NUMBER
®
E128662
®
Communication
equipment
• CATV equipment
• Test equipment
• Data lines
• Power supplies
• Telecom SLIC
protection
• Broadband equipment
• ADSL equipment,
including ADSL2+
• XDSL equipment
• Satellite and CATV
equipment
• General telecom
equipment


Similar Part No. - SL0902A600

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL0902A600 LITTELFUSE-SL0902A600 Datasheet
417Kb / 5P
   Gas Discharge Tube (GDT) Products
SL0902A600 LITTELFUSE-SL0902A600 Datasheet
938Kb / 5P
   Gas Discharge Tubes CG5 and SL0902A Series
2020 Littelfuse, Inc.
SL0902A600SM LITTELFUSE-SL0902A600SM Datasheet
938Kb / 5P
   Gas Discharge Tubes CG5 and SL0902A Series
2020 Littelfuse, Inc.
More results

Similar Description - SL0902A600

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG2-350L LITTELFUSE-CG2-350L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1003A090C LITTELFUSE-SL1003A090C Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com