Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLI-343UR3F Datasheet(PDF) 1 Page - Rohm

Part # SLI-343UR3F
Description  Viewing angle 20 1/2 40
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLI-343UR3F Datasheet(HTML) 1 Page - Rohm

  SLI-343UR3F Datasheet HTML 1Page - Rohm SLI-343UR3F Datasheet HTML 2Page - Rohm SLI-343UR3F Datasheet HTML 3Page - Rohm SLI-343UR3F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
(2.5)
Cathode
φ3.8
φ3.1
□0.4
Tolerance :
±0.2
(unit : mm)
2.5 or 5.0
2.0
1.0 ±0.1
(unit : mm)
*:Duty1/10, 1kHz
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta
=25℃)
Electrical and Optical Characteristics (Ta
=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(
℃)
Storage
Temperature
Tstg(
℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength Luminous Intensity IV
Typ.(V) IF(mA)
Max.
(
μA)
VR(V)
λD
Typ.(nm)
IF(mA)
Min.
(mcd)
Typ.
(mcd) I
F
(mA)
SLI-343URC
AIGaInP on
GaAs
Red
125
50
200
9
-25 to +85
-30 to +100
1.9
20
100
9
620
20
90
450
20
SLI-343DC
Orange
605
500
SLI-343YC
Yellow
587
350
SLI-343MC
Yellowish
Green
62
25
100
-25 to +80
2.1
572
56
200
SLI-343UR
Red
125
50
200
-25 to +85
1.9
620
90
350
SLI-343DU
Orange
605
SLI-343YY
Yellow
587
300
SLI-343MG
Yellowish
Green
62
25
100
-25 to +80
2.1
572
56
180
Viewing angle 2
θ 1/2 /
40 : High luminous intensity
RELATIVE INTENSITY (%)
Diffused
Clear
Specifications
Dimensions
Recommended Solder Pattern
Viewing Angle
Features
・Viewing angle 2θ 1/2 : 40°
・High brightness
・Competent to direct mount
Color
Type
U
D
Y
M
SLI-343 Series
1/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.12 - Rev.B


Similar Part No. - SLI-343UR3F

ManufacturerPart #DatasheetDescription
logo
Rohm
SLI-343UR ROHM-SLI-343UR Datasheet
407Kb / 3P
   High Brightness Type 3.1 Circular Type LED Lamps
SLI-343UR ROHM-SLI-343UR Datasheet
128Kb / 3P
   High brightness (SLR343/SLI-343 series) Low power consumption (SLI-343(W) series)
SLI-343UR ROHM-SLI-343UR Datasheet
139Kb / 4P
   SLI-343 Series
SLI-343UR ROHM-SLI-343UR Datasheet
138Kb / 5P
   SLI-343 Series
SLI-343UR ROHM-SLI-343UR Datasheet
132Kb / 3P
   3.1(T-1) Circular Type High Brightness Type
More results

Similar Description - SLI-343UR3F

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-56VC3F ROHM-SLR-56VC3F Datasheet
1Mb / 8P
   Viewing angle 20 1/2 40
SLR-342MG3F ROHM-SLR-342MG3F Datasheet
878Kb / 4P
   Viewing angle 20 1/2 40
SLR-56MGT32 ROHM-SLR-56MGT32 Datasheet
899Kb / 4P
   Viewing angle 20 1/2 40
SLR-343MGT32 ROHM-SLR-343MGT32 Datasheet
167Kb / 6P
   Viewing angle 20 1/2 40
SLR-342VRT32 ROHM-SLR-342VRT32 Datasheet
810Kb / 5P
   Viewing angle 20 1/2 40
SLI-343D8U3F ROHM-SLI-343D8U3F Datasheet
145Kb / 4P
   Viewing angle 2 1/2 40
SLR-56MC3F ROHM-SLR-56MC3F Datasheet
899Kb / 4P
   Viewing angle 2 1/2 : 40
SLR-342 ROHM-SLR-342_10 Datasheet
878Kb / 4P
   Viewing angle 2 1/2 : 40 Series
SLR-325VC ROHM-SLR-325VC Datasheet
122Kb / 3P
   Viewing angle 2 1/2 : 40 Lead pitch 5mm
SLI-570U2T ROHM-SLI-570U2T Datasheet
129Kb / 3P
   Viewing angle 2 1/2 : 20 (SLI-570 Series) Viewing angle 2 1/2 : 25 (SLA-570 Series)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com