Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDRW1901216CG1 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # RDRW1901216CG1
Description  DATA SUBJECT TO CHANGE WITHOUT NOTLCE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RDRW1901216CG1 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  RDRW1901216CG1 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data subject to change without notice. Isometric drawing not to scale.
www.hammondmfg.com
PART NO. RDRW1901216
PART NUMBERS
RDRW1901216LG1 PAINTED RAL7035 TEXTURED
RDRW1901216BK1 PAINTED BLACK TEXTURED
RDRW1901216CG1 PAINTED GREY/BEIGE TEXTURED
FRONT VIEW
TOP VIEW
NOTES
Maximum Weight 60 lb No Rear Support
Maximum Weight 120 lb Rear Supported
Mounting Hardware Included
Item Number
Title
Quantity
1
RDRW - DRAWER BODY
1
2
RDRW - DRAWER PLATE
1
3
RDRW - DRAWER SHROUD
1
4
SLIDE 16" FULL TRAVEL
2
5
LOC KEY-LOCK WITH NUT H-7.5 MM
1
6
PLASTIC HANDLE
1
16.25 in
413 mm
17.36 in
441 mm
19.00 in
483 mm
18.35 in
466 mm
12.25 in
311 mm
.88 in
22 mm
.88 in
22 mm
SIDE VIEW WITHOUT SHROUD
4X
O.25 X .38
MTG SLOT
16.07 in
408 mm
11.69 in
297 mm
2
1
4
3
5
6


Similar Part No. - RDRW1901216CG1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RDRW1901216BK1 HAMMOND-RDRW1901216BK1 Datasheet
76Kb / 2P
   Tiroir de rangement, pour montage sur deux ou quatre montants
RDRW1901216LG1 HAMMOND-RDRW1901216LG1 Datasheet
76Kb / 2P
   Tiroir de rangement, pour montage sur deux ou quatre montants
More results

Similar Description - RDRW1901216CG1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
FLHTF800A115 HAMMOND-FLHTF800A115 Datasheet
302Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MD2 HAMMOND-1490MD2 Datasheet
182Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MG6 HAMMOND-1490MG6 Datasheet
171Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MJ12 HAMMOND-1490MJ12 Datasheet
182Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Qimonda AG
GRDBARV22 QIMONDA-GRDBARV22 Datasheet
142Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Hammond Manufacturing L...
HCS-DFG-48 HAMMOND-HCS-DFG-48 Datasheet
135Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
GRDBAR800 HAMMOND-GRDBAR800 Datasheet
147Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1554MPB3 HAMMOND-1554MPB3 Datasheet
245Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ643HLP HAMMOND-HJ643HLP Datasheet
108Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ644HLP HAMMOND-HJ644HLP Datasheet
108Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ683HLP HAMMOND-HJ683HLP Datasheet
115Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com