Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8209AAS-I8T1X Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-8209AAS-I8T1X
Description  BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8209AAS-I8T1X Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-8209AAS-I8T1X Datasheet HTML 1Page - Seiko Instruments Inc S-8209AAS-I8T1X Datasheet HTML 2Page - Seiko Instruments Inc S-8209AAS-I8T1X Datasheet HTML 3Page - Seiko Instruments Inc S-8209AAS-I8T1X Datasheet HTML 4Page - Seiko Instruments Inc S-8209AAS-I8T1X Datasheet HTML 5Page - Seiko Instruments Inc S-8209AAS-I8T1X Datasheet HTML 6Page - Seiko Instruments Inc S-8209AAS-I8T1X Datasheet HTML 7Page - Seiko Instruments Inc S-8209AAS-I8T1X Datasheet HTML 8Page - Seiko Instruments Inc S-8209AAS-I8T1X Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
S-8209A Series
www.sii-ic.com
BATTERY PROTECTION IC
WITH CELL-BALANCE FUNCTION
© Seiko Instruments Inc., 2008-2014
Rev.3.4_00
Seiko Instruments Inc.
1
The S-8209A Series is a protection IC for lithium-ion / lithium polymer rechargeable batteries and includes a high-accuracy
voltage detection circuit and a delay circuit.
The S-8209A Series has a transmission function and two types of cell-balance function so that users are also able to configure
a protection circuit with series multi-cell.
Features
• High-accuracy voltage detection circuit
Overcharge detection voltage
*1
3.55 V to 4.40 V (5 mV step)
Accuracy
±25 mV
Overcharge release voltage
*1
3.50 V to 4.40 V
*2
Accuracy
±50 mV
Cell-balance detection voltage
*1
3.55 V to 4.40 V (5 mV step)
*3
Accuracy
±25 mV
Cell-balance release voltage
*1
3.50 V to 4.40 V
*4
Accuracy
±50 mV
Overdischarge detection voltage
2.0 V to 3.0 V (10 mV step)
Accuracy
±50 mV
Overdischarge release voltage
2.0 V to 3.4 V
*5
Accuracy
±100 mV
• Settable delay time by external capacitor for output pin
• Control charging, discharging, cell-balance by CTLC pin and CTLD pin
• Two types of cell-balance function; charge / discharge
*6
• Wide range of operation temperature
Ta =
−40°C to +85°C
• Low current consumption
7.0
μA max.
• Lead-free, Sn 100%, halogen-free
*7
*1. Regarding selection of overcharge detection voltage, overcharge release voltage, cell-balance detection voltage
and cell-balance release voltage, refer to Remark 3 in "3. Product name list" of "
Product Name Structure"
*2. Overcharge release voltage = Overcharge detection voltage
− Overcharge hysteresis voltage
(Overcharge hysteresis voltage is selectable in 0 V to 0.4 V, in 50 mV step.)
*3. Select as to overcharge detection voltage
> cell-balance detection voltage.
*4. Cell-balance release voltage = Cell-balance detection voltage
− Cell-balance hysteresis voltage
(Cell-balance hysteresis voltage is selectable in 0 V to 0.4 V, in 50 mV step.)
*5. Overdischarge release voltage = Overdischarge detection voltage
+ Overdischarge hysteresis voltage
(Overdischarge hysteresis voltage is selectable in 0 V to 0.7 V, in 100 mV step.)
*6. Also available the product without discharge cell-balance function
*7. Refer to " Product Name Structure" for details.
Applications
• Lithium-ion rechargeable battery pack
• Lithium polymer rechargeable battery pack
Packages
• 8-Pin TSSOP
• SNT-8A


Similar Part No. - S-8209AAS-I8T1X

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8209AAS-I8T1U ABLIC-S-8209AAS-I8T1U Datasheet
483Kb / 27P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
More results

Similar Description - S-8209AAS-I8T1X

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB209A UTC-UB209A Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-8209A ABLIC-S-8209A Datasheet
483Kb / 27P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
S-8209B ABLIC-S-8209B Datasheet
473Kb / 26P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
logo
Unisonic Technologies
UB209A UTC-UB209A_15 Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B Datasheet
250Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209A UTC-UB209A_17 Datasheet
283Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B_17 Datasheet
269Kb / 10P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-82V1A ABLIC-S-82V1A Datasheet
689Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82T1A ABLIC-S-82T1A Datasheet
692Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82U1A ABLIC-S-82U1A Datasheet
695Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com