Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8209AAF-I8T1X Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-8209AAF-I8T1X
Description  BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8209AAF-I8T1X Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-8209AAF-I8T1X Datasheet HTML 2Page - Seiko Instruments Inc S-8209AAF-I8T1X Datasheet HTML 3Page - Seiko Instruments Inc S-8209AAF-I8T1X Datasheet HTML 4Page - Seiko Instruments Inc S-8209AAF-I8T1X Datasheet HTML 5Page - Seiko Instruments Inc S-8209AAF-I8T1X Datasheet HTML 6Page - Seiko Instruments Inc S-8209AAF-I8T1X Datasheet HTML 7Page - Seiko Instruments Inc S-8209AAF-I8T1X Datasheet HTML 8Page - Seiko Instruments Inc S-8209AAF-I8T1X Datasheet HTML 9Page - Seiko Instruments Inc S-8209AAF-I8T1X Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
S-8209A Series
Rev.3.4_00
Seiko Instruments Inc.
6
Please contact our sales office for the products with detection voltage value other than those specified above.
Users are able to select the overcharge detection voltage, overcharge release voltage, cell-balance detection voltage
and cell-balance release voltage from the range shown in Figure 2 and Figure 3.
Users are able to select how to combine the overcharge detection voltage (VCU) and the overcharge release voltage
(VCL) from the range A or B shown in Figure 2
*1.
Similarly, select how to combine the cell-balance detection voltage (VBU) and the cell-balance release voltage (VBL)
from the range of C or D in Figure 3
*2.
In selecting the combination of VCU and VCL from the range A, select the combination of VBU and VBL from the range
C. Similarly, in selecting the combination of VCU and VCL from the B range, select the combination of VBU and VBL
from the range D
*3.
Overcharge release voltage (VCL) [V]
3.50
4.00
4.40
3.80 3.90
3.90
3.55
4.20
4.40
A
B
3.55
Cell-balance release voltage (VBL) [V]
3.50
4.00
4.40
3.80 3.90
3.90
3.55
4.20
4.40
C
D
3.55
Figure 2
Figure 3
*1. Users are able to select the overcharge hysteresis voltage (VCU
− VCL) in 0 V to 0.4 V, in 50 mV step.
*2. Users are able to select the cell-balance hysteresis voltage (VBU
− VBL) in 0 V to 0.4 V, in 50 mV step.
*3. Select as to set VCU
> VBU.


Similar Part No. - S-8209AAF-I8T1X

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8209AAF-I8T1U ABLIC-S-8209AAF-I8T1U Datasheet
483Kb / 27P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
More results

Similar Description - S-8209AAF-I8T1X

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB209A UTC-UB209A Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-8209A ABLIC-S-8209A Datasheet
483Kb / 27P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
S-8209B ABLIC-S-8209B Datasheet
473Kb / 26P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
logo
Unisonic Technologies
UB209A UTC-UB209A_15 Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B Datasheet
250Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209A UTC-UB209A_17 Datasheet
283Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B_17 Datasheet
269Kb / 10P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-82V1A ABLIC-S-82V1A Datasheet
689Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82T1A ABLIC-S-82T1A Datasheet
692Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82U1A ABLIC-S-82U1A Datasheet
695Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com