Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2365EDS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI2365EDS
Description  P-Channel 20 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2365EDS Datasheet(HTML) 3 Page - Vishay Siliconix

  SI2365EDS Datasheet HTML 1Page - Vishay Siliconix SI2365EDS Datasheet HTML 2Page - Vishay Siliconix SI2365EDS Datasheet HTML 3Page - Vishay Siliconix SI2365EDS Datasheet HTML 4Page - Vishay Siliconix SI2365EDS Datasheet HTML 5Page - Vishay Siliconix SI2365EDS Datasheet HTML 6Page - Vishay Siliconix SI2365EDS Datasheet HTML 7Page - Vishay Siliconix SI2365EDS Datasheet HTML 8Page - Vishay Siliconix SI2365EDS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 63199
S13-1505-Rev. C, 01-Jul-13
www.vishay.com
3
Vishay Siliconix
Si2365EDS
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Gate Current vs. Gate-Source Voltage
Output Characteristics
On-Resistance vs. Drain Current
0.000
0.010
0.020
0.030
0.040
0.050
0
3
6
9
12
15
V
GS - Gate-Source Voltage (V)
T
J = 25 °C
0
3
6
9
12
15
0
0.5
1
1.5
2
V
DS - Drain-to-Source Voltage (V)
V
GS = 1.5 V
V
GS = 8 V thru 2 V
V
GS = 1 V
0
0.02
0.04
0.06
0.08
0.1
0
5
10
15
20
I
D - Drain Current (A)
V
GS = 1.8 V
V
GS = 2.5 V
V
GS = 4.5 V
Gate Current vs. Gate-Source Voltage
Transfer Characteristics
Capacitance
10-9
10-8
10-7
10-6
10-5
10-4
10-3
10-2
0
4
8
12
16
20
V
GS - Gate-to-Source Voltage (V)
T
J = 150 °C
T
J = 25 °C
0
0.1
0.2
0.3
0.4
0.5
0
0.35
0.7
1.05
1.4
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
500
1000
1500
2000
0
5
10
15
20
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss


Similar Part No. - SI2365EDS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2365EDS VISHAY-SI2365EDS Datasheet
201Kb / 9P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI2365EDS-T1-GE3 VBSEMI-SI2365EDS-T1-GE3 Datasheet
466Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2365EDS VISHAY-SI2365EDS_V01 Datasheet
201Kb / 9P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI2365EDS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com