Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT670WDT-WW1 Datasheet(PDF) 10 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # LT670WDT-WW1
Description  SURFACE MOUNT DEVICE LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

LT670WDT-WW1 Datasheet(HTML) 10 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button LT670WDT-WW1 Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. LT670WDT-WW1 Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. LT670WDT-WW1 Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. LT670WDT-WW1 Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. LT670WDT-WW1 Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. LT670WDT-WW1 Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD. LT670WDT-WW1 Datasheet HTML 12Page - PARA LIGHT ELECTRONICS CO., LTD. LT670WDT-WW1 Datasheet HTML 13Page - PARA LIGHT ELECTRONICS CO., LTD. LT670WDT-WW1 Datasheet HTML 14Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SURFACE MOUNT DEVICE LED
Part No. : LT670WDT-WW1
REV: A / 2
Reel Dimensions
Notes:
1. Taping Quantity : 1000pcs/reel 1500 pcs/reel 2000 pcs/reel
2. The tolerances unless noted is±0.1mm, Angle±0.5°, Unit: mm.
Suggest Soldering Pad Dimensions
DRAWING NO. : DS-7A-11-0004
DATE : 2011-5-17
PAGE
10 of 17
PARA-FOR-068


Similar Part No. - LT670WDT-WW1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
233Kb / 14P
   Ultralow Power Quad
LT6700 LINER-LT6700 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700 LINEAR_DIMENSIONS-LT6700 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700-1 LINER-LT6700-1 Datasheet
237Kb / 12P
   Micropower, Low Voltage, SOT-23, Dual Comparator with 400mV Reference
More results

Similar Description - LT670WDT-WW1

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
0603KRCT HB-0603KRCT Datasheet
745Kb / 10P
   SURFACE MOUNT DEVICE LED
0603LGCT HB-0603LGCT Datasheet
811Kb / 10P
   SURFACE MOUNT DEVICE LED
logo
PARA LIGHT ELECTRONICS ...
L-T670KGCT PARALIGHT-L-T670KGCT Datasheet
745Kb / 14P
   SURFACE MOUNT DEVICE LED
L-T670WDT-NW2-Q PARALIGHT-L-T670WDT-NW2-Q Datasheet
297Kb / 17P
   SURFACE MOUNT DEVICE LED
L-T2835WDT-NW1-Q PARALIGHT-L-T2835WDT-NW1-Q Datasheet
222Kb / 15P
   SURFACE MOUNT DEVICE LED
L-T670WDT-CW1 PARALIGHT-L-T670WDT-CW1 Datasheet
882Kb / 16P
   SURFACE MOUNT DEVICE LED
L-C155TBJSCT-5A PARALIGHT-L-C155TBJSCT-5A Datasheet
234Kb / 13P
   SURFACE MOUNT DEVICE LED
L-C170JGCT PARALIGHT-L-C170JGCT Datasheet
273Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170JYCT PARALIGHT-L-C170JYCT Datasheet
301Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170LBCT PARALIGHT-L-C170LBCT Datasheet
307Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170WDT PARALIGHT-L-C170WDT Datasheet
294Kb / 15P
   SURFACE MOUNT DEVICE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com