Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP380HMU05AGEVB Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP380HMU05AGEVB
Description  Fixed/Adjustable Current??Limiting Power?륞istribution Switches
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP380HMU05AGEVB Datasheet(HTML) 4 Page - ON Semiconductor

  NCP380HMU05AGEVB Datasheet HTML 1Page - ON Semiconductor NCP380HMU05AGEVB Datasheet HTML 2Page - ON Semiconductor NCP380HMU05AGEVB Datasheet HTML 3Page - ON Semiconductor NCP380HMU05AGEVB Datasheet HTML 4Page - ON Semiconductor NCP380HMU05AGEVB Datasheet HTML 5Page - ON Semiconductor NCP380HMU05AGEVB Datasheet HTML 6Page - ON Semiconductor NCP380HMU05AGEVB Datasheet HTML 7Page - ON Semiconductor NCP380HMU05AGEVB Datasheet HTML 8Page - ON Semiconductor NCP380HMU05AGEVB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
NCP380, NCV380
http://onsemi.com
4
Table 4. ELECTRICAL CHARACTERISTICS
(Min & Max Limits apply for TA between −40C to +85C and TJ up to +125C for VIN between 2.5 V to 5.5 V (Unless otherwise noted).
Typical values are referenced to TA = +25C and VIN =5V.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
POWER SWITCH
RDS(on)
Static Drain-source On-state
Resistance
DFN Package
TSOP Package
VIN = 5 V
–40C < TJ < 125C
55
75
mW
2.5 V < VIN < 5.5 V
–40C < TJ < 125C
110
VIN = 5 V
–40C < TJ < 125C
70
95
mW
2.5 V < VIN < 5.5 V
–40C < TJ < 125C
135
TR
Output Rise Time
VIN = 5 V
CLOAD = 1 mF,
RLOAD = 100 W (Note 10)
0.3
1.0
1.5
ms
VIN = 2.5 V
0.2
0.65
1.0
TF
Output Fall Time
VIN = 5 V
0.1
0.5
VIN = 2.5 V
0.1
0.5
ENABLE INPUT EN OR EN
VIH
High-level Input Voltage
1.2
V
VIL
Low-level Input Voltage
0.4
V
IEN
Input Current
VEN = 0 V, VEN = 5 V
−0.5
0.5
mA
TON
Turn On Time
CLOAD = 1 mF, RLOAD = 100 W (Note 11)
2.0
3.0
4.0
ms
TOFF
Turn Off Time
1.0
3.0
ms
CURRENT LIMIT
IOCP
Current-limit Threshold
(Maximum DC Output Current
IOUT Delivered to Load)
VIN = 5 V
RILIM = 20 kW (Note 11)
1.02
1.20
1.38
A
RILIM = 40 kW
(Notes 11 and 13)
0.595
0.700
0.805
Fixed 0.5 A (Note 12)
0.5
0.58
0.65
A
Fixed 1.0 A (Note 12)
1.0
1.15
1.3
Fixed 1.5 A (Note 12)
1.5
1.75
1.9
Fixed 2.0 A (Note 12)
2.0
2.25
2.5
Fixed 2.1 A (Note 12)
2.1
2.25
2.5
TDET
Response Time to Short Circuit
VIN = 5 V
2.0
ms
TREG
Regulation Time
1.8
3.0
4.0
ms
TOCP
Overcurrent Protection Time
14
20
26
ms
REVERSE-VOLTAGE PROTECTION
VREV
Reverse-voltage Comparator
Trip Point (VOUT – VIN)
100
mV
TREV
Time from Reverse-voltage
Condition to MOSFET Switch Off
& FLAG Low
VIN = 5 V
4.0
6.0
9.0
ms
TRREV
Re-arming Time
7.0
10
15
ms
UNDERVOLTAGE LOCKOUT
VUVLO
IN Pin Low-level Input Voltage
VIN Rising
2.0
2.3
2.4
V
VHYST
IN Pin Hysteresis
TJ = 25C
25
60
mV
TRUVLO
Re-arming Time
7.0
10
15
ms
SUPPLY CURRENT
IINOFF
Low-level Output Supply Current
VIN = 5 V, No Load on OUT, Device OFF
VEN = 0 V or VEN = 5 V
1.0
2.1
mA
IINON
High-level Output Supply
Current
VIN = 5 V, Device Enable
2 A and 2.1 A Versions
1 A and 1.5 A Current Versions
0.5 A Current Version
90
80
70
mA
IREV
Reverse Leakage Current
VOUT = 5 V, VIN = 0 V
TJ = 25C
1.0
mA


Similar Part No. - NCP380HMU05AGEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP380HMU05AGEVB ONSEMI-NCP380HMU05AGEVB Datasheet
536Kb / 23P
   Fixed/Adjustable Current?륧imiting Power?륞istribution Switches
July, 2016 ??Rev. 16
More results

Similar Description - NCP380HMU05AGEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP380HMU05AGEVB ONSEMI-NCP380HMU05AGEVB Datasheet
536Kb / 23P
   Fixed/Adjustable Current?륧imiting Power?륞istribution Switches
July, 2016 ??Rev. 16
NCP380HSNAJAGEVB ONSEMI-NCP380HSNAJAGEVB Datasheet
536Kb / 23P
   Fixed/Adjustable Current?륧imiting Power?륞istribution Switches
July, 2016 ??Rev. 16
NCP380 ONSEMI-NCP380 Datasheet
536Kb / 23P
   Fixed/Adjustable Current?륧imiting Power?륞istribution Switches
July, 2016 ??Rev. 16
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
   Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
logo
Micrel Semiconductor
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
logo
Micrel Semiconductor
MIC2005A MICREL-MIC2005A Datasheet
415Kb / 25P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX_1108 MICREL-MIC20XX_1108 Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com