Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL6244C Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL6244C
Description  3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL6244C Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL6244C Datasheet HTML 1Page - Elantec Semiconductor EL6244C Datasheet HTML 2Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a “controlled document”. Current revisions, if any, to these
specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation.
© 2001 Elantec Semiconductor, Inc.
Features
• “Shrink-Small” Outline Package
• Voltage-controlled output current
source, requiring one external set
resistor per channel
• Auto oscillator on-off with
OUTEN signals
• Rise time = 0.8ns
• Fall time = 0.8ns
• On chip oscillator with frequency
and amplitude control by use of
external resistors to ground
• Oscillator to 500MHz
• Oscillator to 100mA pk/pk
• Single +5V supply (±10%)
• Disable feature for power-up
protection and power savings
• Fast Settling APC Amplifier
Applications
• CD-RW applications
• Writable optical drives
• Laser diode current switching
Ordering Information
Part No.
Temp. Range
Package
Outline #
EL6244CU
0°C to +70°C
16-Pin QSOP
MDP0041
General Description
The EL6244C is a high-performance three channel laser driver that
provides controlled current to a grounded laser diode. Channels 2 and
3 should be used as the write channels, with switching speeds of
approximately one nanosecond rise/fall time. All three channels are
summed together at the IOUT output, allowing the user to create multi-
level waveforms in order to optimize laser diode performance. The
level of the output current is set by an analog voltage applied to an
external resistor which converts the voltage into a current at the IIN pin
(virtually ground). The current seen at this pin is then amplified to
become a current source at pin IOUT.
An on-chip 500MHz oscillator is provided to allow output current
modulation when in any mode. This is turned on only when the
OSCEN and OUTEN pins are held high. Complete control of ampli-
tude and frequency is set by two external resistors connected to ground
at pins RFREQ and RAMP (see graphs in this data sheet for further
explanation).
Output current pulses are enabled when an ‘L’ signal is applied to the
OUTEN pin. No output current flows when OUTEN is ‘H’, and addi-
tional laser diode protection is provided since the OUTEN input will
float high when open. Complete IOUT shut-off is also achieved by
holding the ENABLE pin low, which will override all other control
pins.
The EL6244C also includes a fast settling APC amplifier designed to
interface directly with the front end monitor diode and the sample-
and-hold amplifier for read and write power control. Its 100MHz
bandwidth and 30ns settling time enable up to 16X CD-RW design.
Connection Diagram
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
VREF
VCC
IINR
IOUT
IIN2
GND
IIN3
ENABLE
RFREQ
RAMP
OUTEN3
OSCEN
OUTEN2
VCC
VOUT
PDIN
EL6244C - Product Brief
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier


Similar Part No. - EL6244C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL6244CU INTERSIL-EL6244CU Datasheet
46Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6244CU-T13 INTERSIL-EL6244CU-T13 Datasheet
46Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6244CU-T7 INTERSIL-EL6244CU-T7 Datasheet
46Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6244CUZ INTERSIL-EL6244CUZ Datasheet
46Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6244CUZT13 INTERSIL-EL6244CUZT13 Datasheet
46Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
More results

Similar Description - EL6244C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6273C ELANTEC-EL6273C Datasheet
135Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6242C ELANTEC-EL6242C Datasheet
140Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6245C ELANTEC-EL6245C Datasheet
135Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
logo
Intersil Corporation
EL6244 INTERSIL-EL6244 Datasheet
46Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6245 INTERSIL-EL6245 Datasheet
46Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
logo
Elantec Semiconductor
EL6283C ELANTEC-EL6283C Datasheet
41Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
logo
Intersil Corporation
EL6173 INTERSIL-EL6173 Datasheet
46Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
logo
Elantec Semiconductor
EL6248C ELANTEC-EL6248C Datasheet
136Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6288C ELANTEC-EL6288C Datasheet
135Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6258C ELANTEC-EL6258C Datasheet
135Kb / 2P
   3-Channel Laser Driver Oscillator APC Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com