Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N010-0510-T304 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # N010-0510-T304
Description  Resistive Touch Panel Specification FID-550 7-Wire Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

N010-0510-T304 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  N010-0510-T304 Datasheet HTML 1Page - Fujitsu Component Limited. N010-0510-T304 Datasheet HTML 2Page - Fujitsu Component Limited. N010-0510-T304 Datasheet HTML 3Page - Fujitsu Component Limited. N010-0510-T304 Datasheet HTML 4Page - Fujitsu Component Limited. N010-0510-T304 Datasheet HTML 5Page - Fujitsu Component Limited. N010-0510-T304 Datasheet HTML 6Page - Fujitsu Component Limited. N010-0510-T304 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
FID-550 SERIES
n
5.6 FINGER LIFE
A finger is simulated by a silicon rubber plunger
R8 (Round type 8mm size) hardness 60˚C at 200g
at frequency 5Hz.
A failure is judged to happen when the current
consumption or insulation resistance or dielectric
strength are not met as shown in 5.3. The location
accuracy with 9 point calibration must be ±4.4 mm max.
Typical operating force is 150g max.
n
5.7 INFORMATION ON THE PANEL
The panel part number is visible from the film side
The production information is visible from the glass side.
Production year 99 00 etc.
1 2 3 4 5 6 7 8 9 X Y Z or 1 2 3 4 5 6 7 8 9 X Y Z
January Production
2 3 4 5 6 7 8 9 X Y Z or
2 3 4 5 6 7 8 9 X Y Z
February Production
December Production
n
6 PACKAGING
n
6.1 PACKING SPECIFICATION
Vibration:
10~55 Hz at 1 Octave per minute 10G 20 cycles with one side 0.75mm
Drop test:
60cm Drop 1 corner, 3 crease lines and 6 faces. 1 each 1 time
After the test no glass: flaw or crack is seen, and no dent or scratch on the film.
Also glass and film must not separate.
Z or 1 2 3 4 5 6 7 8 9 Y Z
n
6.1 PACKING DETAILS
Each touch panel is placed into a plastic bag and is
held in place by a slit cut into the side of the card-
board. A second insertion piece is placed into the
carton to again add stability. The qty is written on
the side of the box. For example the T611 has 26
pieces per box.
Insert
Touch panel with bag
Slit in cardboard


Similar Part No. - N010-0510-T304

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
N010-0510-T302 FUJITSU-N010-0510-T302 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0510-T302 FUJITSU-N010-0510-T302 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0510-T302 FUJITSU-N010-0510-T302 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
More results

Similar Description - N010-0510-T304

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FID-550 FUJITSU-FID-550_06 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
N16B-0558-B240 FUJITSU-N16B-0558-B240 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
FID-550 FUJITSU-FID-550 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0554-T902 FUJITSU-N010-0554-T902 Datasheet
453Kb / 7P
   STANDARD Resistive Touch Panel Specification
logo
Crystalfontz America, I...
CFAM1024600A0-070R CRYSTAIFONTZ-CFAM1024600A0-070R Datasheet
1Mb / 13P
   7??TFT HDMI DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAM800480A0-070R CRYSTAIFONTZ-CFAM800480A0-070R Datasheet
1Mb / 13P
   7??TFT HDMI DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
logo
List of Unclassifed Man...
SP-15LW03 ETC2-SP-15LW03 Datasheet
412Kb / 2P
   5-wire resistive touch sensor
logo
AZ Displays
ATP0644-3 AZDISPLAYS-ATP0644-3 Datasheet
918Kb / 7P
   SPECIFICATIONS FOR STANDARD RESISTIVE TOUCH PANEL
logo
Rohm
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com