Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K2CM-Q1H Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # K2CM-Q1H
Description  Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase and Reverse-phase)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K2CM-Q1H Datasheet(HTML) 3 Page - Omron Electronics LLC

  K2CM-Q1H Datasheet HTML 1Page - Omron Electronics LLC K2CM-Q1H Datasheet HTML 2Page - Omron Electronics LLC K2CM-Q1H Datasheet HTML 3Page - Omron Electronics LLC K2CM-Q1H Datasheet HTML 4Page - Omron Electronics LLC K2CM-Q1H Datasheet HTML 5Page - Omron Electronics LLC K2CM-Q1H Datasheet HTML 6Page - Omron Electronics LLC K2CM-Q1H Datasheet HTML 7Page - Omron Electronics LLC K2CM-Q1H Datasheet HTML 8Page - Omron Electronics LLC K2CM-Q1H Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
K2CM
3
■ Characteristics
Note: This means that no malfunction occurs with the open-phase element, but the operating value of the overload element may vary.
Variation due to
temperature
fluctuation
At 20
±20 °C
Overcurrent:
±5% of operating value, ±10% of operating time
Open-phase:
±10% of operating value, ±10% of operating time
Reverse-phase:
±10% of operating value, ±10% of operating time
At 20
±30 °C
Overcurrent:
±10% of operating value, ±20% of operating time
Open-phase:
±20% of operating value, ±20% of operating time
Reverse-phase:
±20% of operating value, ±20% of operating time
Variation due to
voltage fluctuation
At 85% to 110% of
rated voltage
Overcurrent:
±5% of operating value, ±10% of operating time
Open-phase:
±5% of operating value, ±10% of operating time
Reverse-phase:
±5% of operating value, ±10% of operating time
Variation due to
frequency
fluctuation
At 95% to 105% of
rated frequency
Insulation resistance
10 M
Ω min. (between current-carrying terminals and mounting panel)
5 M
Ω min. (between current-carrying terminals and between contact poles)
Dielectric strength
2,500 VAC (between current-carrying terminals and mounting panel and between current-carrying
terminals)
1,000 VAC (between contact poles)
Permissible impulse voltage
Current reverse-phase detection models:
6,000 V (between current-carrying terminals and mounting panel)
4,500 V (between current-carrying terminals and between control power supply terminals)
Waveform: 1.2/50
µs
Voltage reverse-phase detection models:
4,500 V (between current-carrying terminals and mounting panel)
Waveform: 1.2/50
µs
Overcurrent strength of main circuit
No abnormality develops when 20 times the set current value is applied for 2 s, 2 times with a 1-
minute interval.
Overvoltage strength of control power
supply circuit
No abnormality develops when 1.15 times the relay’s rated voltage is applied once for 3 hours.
Variation due to waveform distortion
No malfunction occurs when pulse containing 100% of the 2nd to 9th harmonics is applied (open-
phase switch set to “Low”). (See note.)
Vibration
Malfunction:
10 to 55 Hz, 0.3-mm double amplitude (in X, Y, and Z directions for 10 minutes each)
Destruction:
10 to 25 Hz, 2-mm double amplitude (in X, Y, and Z directions for 2 hours each)
Shock
Malfunction:
98 m/s2 (approx. 10 G) in X, Y, and Z directions
Destruction:
294 m/s2 (approx. 30 G) in X, Y, and Z directions
Test current
(reference only)
Operating time
Set time value
Setting
characteristics of
operating time
Approx.
±30% of the maximum setting value
Service life
Electrical: 10,000 operations
Ambient temperature
Operating:
−10 to 60 °C (with no icing)
Storage:
−25 to 65 °C
Humidity
35% to 85%
Altitude
2,000 m max.


Similar Part No. - K2CM-Q1H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K2CM-Q1H OMRON-K2CM-Q1H Datasheet
1Mb / 16P
   Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase, and Reverse-phase)
K2CM-Q1HA OMRON-K2CM-Q1HA Datasheet
1Mb / 16P
   Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase, and Reverse-phase)
More results

Similar Description - K2CM-Q1H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K2CM-Q2MA OMRON-K2CM-Q2MA Datasheet
1Mb / 16P
   Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase, and Reverse-phase)
logo
Hongfa Technology
HFS24 HONGFA-HFS24 Datasheet
114Kb / 3P
   THREE-PHASE SOLID STATE RELAY
logo
celduc-relais
SGT968360E CELDUC-SGT968360E Datasheet
352Kb / 4P
   Three Phase Solid State Relay
logo
TE Connectivity Ltd
SSR3 TEC-SSR3 Datasheet
475Kb / 3P
   Three Phase Solid State Relay
02-2021, Rev. 0221
logo
celduc-relais
SGT962360E CELDUC-SGT962360E Datasheet
393Kb / 4P
   Three Phase Solid State Relay
SGT967360E CELDUC-SGT967360E Datasheet
262Kb / 4P
   Three Phase Solid State Relay
SGT7650500 CELDUC-SGT7650500 Datasheet
702Kb / 6P
   Three phase power solid state relay
SGT8670500 CELDUC-SGT8670500 Datasheet
712Kb / 6P
   Three phase power solid state relay
SGT8658502 CELDUC-SGT8658502 Datasheet
1Mb / 6P
   Three phase power solid state relay
SGT9854320 CELDUC-SGT9854320 Datasheet
1Mb / 6P
   Three phase power solid state relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com