Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB2552-F085 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDB2552-F085
Description  N-Channel PowerTrench짰 MOSFET 150V, 37A, 36m廓
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB2552-F085 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDB2552-F085 Datasheet HTML 1Page - Fairchild Semiconductor FDB2552-F085 Datasheet HTML 2Page - Fairchild Semiconductor FDB2552-F085 Datasheet HTML 3Page - Fairchild Semiconductor FDB2552-F085 Datasheet HTML 4Page - Fairchild Semiconductor FDB2552-F085 Datasheet HTML 5Page - Fairchild Semiconductor FDB2552-F085 Datasheet HTML 6Page - Fairchild Semiconductor FDB2552-F085 Datasheet HTML 7Page - Fairchild Semiconductor FDB2552-F085 Datasheet HTML 8Page - Fairchild Semiconductor FDB2552-F085 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Figure 11. Normalized Gate Threshold Voltage vs
Junction Temperature
Figure 12. Normalized Drain to Source
Breakdown Voltage vs Junction Temperature
Figure 13. Capacitance vs Drain to Source
Voltage
Figure 14. Gate Charge Waveforms for Constant
Gate Currents
Typical Characteristics T
C = 25°C unless otherwise noted
0.4
0.6
0.8
1.0
1.2
1.4
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
0.8
0.9
1.0
1.1
1.2
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
100
1000
0.1
1
10
150
10
4000
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
0
2
4
6
8
10
0
1020
3040
Qg, GATE CHARGE (nC)
VDD = 75V
ID = 37A
ID = 16A
WAVEFORMS IN
DESCENDING ORDER:
©2012 Fairchild Semiconductor Corporation
FDB2552_F085 Rev. B1
www.fairchildsemi.com
5


Similar Part No. - FDB2552-F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB2552 FAIRCHILD-FDB2552 Datasheet
256Kb / 11P
   N-Channel PowerTrench MOSFET 150V, 37A, 36m?
logo
Guangdong Kexin Industr...
FDB2552 KEXIN-FDB2552 Datasheet
52Kb / 2P
   N-Channel PowerTrench MOSFET
logo
Inchange Semiconductor ...
FDB2552 ISC-FDB2552 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDB2552_F085 FAIRCHILD-FDB2552_F085 Datasheet
422Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 37A, 36m廓
More results

Similar Description - FDB2552-F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP2552 FAIRCHILD-FDP2552_12 Datasheet
357Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 37A, 36m廓
FDB2552_F085 FAIRCHILD-FDB2552_F085 Datasheet
422Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 37A, 36m廓
FDB2552 FAIRCHILD-FDB2552 Datasheet
256Kb / 11P
   N-Channel PowerTrench MOSFET 150V, 37A, 36m?
FDD3682 FAIRCHILD-FDD3682_10 Datasheet
426Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 32A, 36m廓
FDD2572_F085 FAIRCHILD-FDD2572_F085_08 Datasheet
578Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 29A, 54m廓
FDPF770N15A FAIRCHILD-FDPF770N15A Datasheet
222Kb / 9P
   N-Channel PowerTrench짰 MOSFET 150V, 10A, 77m廓
FDP075N15A FAIRCHILD-FDP075N15A Datasheet
315Kb / 10P
   N-Channel PowerTrench짰 MOSFET 150V, 130A, 7.5m廓
FDB2532 FAIRCHILD-FDB2532_10 Datasheet
210Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 79A, 16m廓
logo
ON Semiconductor
FDD2572-F085 ONSEMI-FDD2572-F085 Datasheet
477Kb / 12P
   N-Channel PowerTrench짰 MOSFET 150V, 29A, 54m廓
September-2017, Rev.1
logo
Fairchild Semiconductor
FDPF190N15A FAIRCHILD-FDPF190N15A Datasheet
237Kb / 9P
   N-Channel PowerTrench짰 MOSFET 150V, 27.4A, 19m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com