Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD0826J50200AHF Datasheet(PDF) 1 Page - Anaren Microwave

Part # BD0826J50200AHF
Description  Ultra Low Profile 0805 Balun 50 to 200 Balanced
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD0826J50200AHF Datasheet(HTML) 1 Page - Anaren Microwave

  BD0826J50200AHF Datasheet HTML 1Page - Anaren Microwave BD0826J50200AHF Datasheet HTML 2Page - Anaren Microwave BD0826J50200AHF Datasheet HTML 3Page - Anaren Microwave BD0826J50200AHF Datasheet HTML 4Page - Anaren Microwave BD0826J50200AHF Datasheet HTML 5Page - Anaren Microwave BD0826J50200AHF Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Visit us at
www.anaren.com
USA/Canada:
Toll Free:
Europe:
Asia:
(315) 432-8909
(800) 411-6596
+44 2392-232392
+86 512-62749282
Model BD0826J50200AHF
Rev A
Ultra Low Profile 0805 Balun
50
to 200
Balanced
Description
The BD0826J50200AHF is a low profile sub-miniature balanced to
unbalanced transformer designed for differential inputs and output locations on next
generation wireless chipsets in an easy to use surface mount package covering the
GSM,
DCS,
PCS,
UMTS,
CDMA
and
802.11
b+g+n
frequencies.
The
BD0826J50200AHF is ideal for high volume manufacturing and is higher
performance
than
traditional
ceramic,
and
lumped
element
baluns.
The
BD0826J50200AHF has an unbalanced port impedance of 50Ω and a 200Ω
balanced port impedance. This transformation enables single ended signals to be
applied to differential ports on modern integrated chipsets. The output ports have
equal amplitude (-3dB) with 180 degree phase differential. The BD0826J50200AHF
is available on tape and reel for pick and place high volume manufacturing.
Detailed Electrical Specifications: Specifications subject to change without notice.
ROOM (25°°°°C)
Parameter
Min.
Typ.
Max
Unit
Frequency
800
2600
MHz
Unbalanced Port Impedance
50
Balanced Port Impedance
200
Return Loss
8.5
13
dB
Insertion Loss*
1.2
1.5
dB
Amplitude Balance
0.4
1.3
dB
Phase Balance
3
7
Degrees
CMRR
30
dB
Power Handling
2
Watts
Features:
• 800 – 2600 MHz
• 0.7mm Height Profile
• 50 Ohm to 2 x 100 Ohm
• GSM/DCS/PCS/UMTS/CDMA
• Low Insertion Loss
• Input to Output DC Isolation
• Surface Mountable
• Tape & Reel
• Non-conductive Surface
• RoHS Compliant
• Halogen Free
Operating Temperature
-55
+85
ºC
* Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 ºC)
Outline Drawing
Mechanical Outline
-Dimensions are in Millimeters
2.04±0.10
1.29±0.10
0.68±0.07
1
2
3
6
5
6x
0.30
6x
0.22
4x 0.65
6x 0.98
Orientation Marker
Denotes Pin Location
4
Orientation Marker
Denotes Pin Location
TOP VIEW (Near Side)
SIDE VIEW
BOTTOM VIEW (Far Side)
5
4
2
1
6
3
Pin
Balanced Port
GND
NC
Balanced Port
GND/DC Feed
Unbalanced Port
Designation
2x 0.15
4x 0.37
+RF GND


Similar Part No. - BD0826J50200AHF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
BD0826J50200A00 ANAREN-BD0826J50200A00 Datasheet
316Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
More results

Similar Description - BD0826J50200AHF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
BD0810J50200AHF ANAREN-BD0810J50200AHF Datasheet
313Kb / 6P
   Ultra Low Profile 0805 Balun 50 to 200 Balanced
BD0810J50200A00 ANAREN-BD0810J50200A00 Datasheet
228Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD2130J5050AHF ANAREN-BD2130J5050AHF Datasheet
6Mb / 5P
   Ultra Low Profile 0805 Balun 50 to 50! Balanced
B0322J5050AHF ANAREN-B0322J5050AHF_14 Datasheet
3Mb / 6P
   Ultra Low Profile 0805 Balun 50 to 50 Balanced
BD1222J50200A00 ANAREN-BD1222J50200A00 Datasheet
231Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD2425J50200A00 ANAREN-BD2425J50200A00 Datasheet
229Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
B0322J5050AHF ANAREN-B0322J5050AHF Datasheet
3Mb / 5P
   Ultra Low Profile 0805 Balun 50 to 50 Balanced
BD0826J50200A00 ANAREN-BD0826J50200A00 Datasheet
316Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD1722J50200A00 ANAREN-BD1722J50200A00 Datasheet
295Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD1631J50100AHF ANAREN-BD1631J50100AHF Datasheet
320Kb / 6P
   Ultra Low Profile 0805 Balun 50! to 100! Balanced
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com