Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD0205F5050AHF Datasheet(PDF) 4 Page - Anaren Microwave

Part # BD0205F5050AHF
Description  Ultra Low Profile 1608 Balun 50 to 50 Balanced
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD0205F5050AHF Datasheet(HTML) 4 Page - Anaren Microwave

  BD0205F5050AHF Datasheet HTML 1Page - Anaren Microwave BD0205F5050AHF Datasheet HTML 2Page - Anaren Microwave BD0205F5050AHF Datasheet HTML 3Page - Anaren Microwave BD0205F5050AHF Datasheet HTML 4Page - Anaren Microwave BD0205F5050AHF Datasheet HTML 5Page - Anaren Microwave BD0205F5050AHF Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Visit us at
www.anaren.com
USA/Canada:
Toll Free:
Europe:
Asia:
(315) 432-8909
(800) 411-6596
+44 2392-232392
+86 512-62749282
Model BD0205F5050AHF
Rev. A
Application in ADC Frontend:
Modern Analog-to-Digital Converter (ADC) system often uses differential architecture to suppress the even-order
harmonics. The performance of ADC system is heavily influenced by amplitude and phase imbalances arising from the
ADC frontend, especially in high frequency applications. Anaren’s multi-layer balun BD0205F5050AHF offers superb
amplitude and phase balance performance over wide frequency range, translating to excellent SFDR performance of
the ADC system. BD0205F5050AHF is a ferrite free design eliminating related inter-modulation and other non-linear
effects. BD0205F5050AHF provides wideband impedance match, resulting in improvement of gain flatness at high
frequencies, which in turn reduces input drive requirement. Anaren’s highly repeatable manufacturing process results
in little part to part variation, ensuring consistent performance in production.
The schematic of a typical ADC front end application is shown below. In conjunction with many high speed ADC ICs, a
bandwidth of 70MHz to 250MHz can be obtained for -1dB ripple of gain flatness. Differential load R1 and R2 are 33
ohm, slightly higher than the theoretical 25 ohm, to increase the voltage gain and reduce the required input drive, while
keeping acceptable return loss. Optional series resistors, R5, R6, R7 and R8 are used to limit the amount of charge
injection from the unbuffered ADC back into the analog input. Optional RC circuits, R3, R4, C4 and C5 further improve
SDFR in many circumstances by supplying an additional current path to neutralize the charge injection.
Typical ADC frontend schematic using BD0205F5050AHF


Similar Part No. - BD0205F5050AHF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
BD0205F5050A00 ANAREN-BD0205F5050A00 Datasheet
400Kb / 4P
   Ultra Low Profile 1608 Balun
More results

Similar Description - BD0205F5050AHF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
B0205F50200AHF ANAREN-B0205F50200AHF Datasheet
357Kb / 6P
   Ultra Low Profile 1608 Balun 50 to 200 Balanced
BD1722N5050AHF ANAREN-BD1722N5050AHF Datasheet
3Mb / 6P
   Ultra Low Profile 0404 Balun 50! to 50! Balanced
BD2130J5050AHF ANAREN-BD2130J5050AHF Datasheet
6Mb / 5P
   Ultra Low Profile 0805 Balun 50 to 50! Balanced
B0322J5050AHF ANAREN-B0322J5050AHF_14 Datasheet
3Mb / 6P
   Ultra Low Profile 0805 Balun 50 to 50 Balanced
B0008K5050A00 ANAREN-B0008K5050A00 Datasheet
580Kb / 6P
   Ultra Low Profile 0606 Balun 50 to 50 Balanced
BD2425N5050AHF ANAREN-BD2425N5050AHF Datasheet
3Mb / 5P
   Ultra Low Profile 0404 Balun 50 to 50 Balanced
BD2425N5050AHF ANAREN-BD2425N5050AHF_14 Datasheet
3Mb / 6P
   Ultra Low Profile 0404 Balun 50 to 50 Balanced
B0322J5050AHF ANAREN-B0322J5050AHF Datasheet
3Mb / 5P
   Ultra Low Profile 0805 Balun 50 to 50 Balanced
BD4859N5050AHF ANAREN-BD4859N5050AHF_14 Datasheet
293Kb / 6P
   Ultra Low Profile 0404 Balun 50 to 50 Balanced
BD2425J5050A00 ANAREN-BD2425J5050A00 Datasheet
295Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 50廓 Balanced
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com