Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5293C Datasheet(PDF) 6 Page - Elantec Semiconductor

Part # EL5293C
Description  Dual 300MHz Current Feedback Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5293C Datasheet(HTML) 6 Page - Elantec Semiconductor

Back Button EL5293C Datasheet HTML 2Page - Elantec Semiconductor EL5293C Datasheet HTML 3Page - Elantec Semiconductor EL5293C Datasheet HTML 4Page - Elantec Semiconductor EL5293C Datasheet HTML 5Page - Elantec Semiconductor EL5293C Datasheet HTML 6Page - Elantec Semiconductor EL5293C Datasheet HTML 7Page - Elantec Semiconductor EL5293C Datasheet HTML 8Page - Elantec Semiconductor EL5293C Datasheet HTML 9Page - Elantec Semiconductor EL5293C Datasheet HTML 10Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
EL5293C
Dual 300MHz Current Feedback Amplifier
Typical Performance Curves
Peaking vs Temperature
2.5
2
1.5
0.5
0
-0.5
-40
10
110
160
Ambient Temperature (°C)
1
60
RL=150Ω
AV=1
AV=-1
Voltage and Current Noise vs Frequency
100
Frequency ()
1000
10k
100k
10M
1M
in+
in-
en
1000
1
10
100
Closed Loop Output Impedance vs Frequency
Frequency (Hz)
100
0.001
0.1
10
0.01
1
10
0
4
8
2
6
0
Supply Voltage (V)
Supply Current vs Supply Voltage
12
210
8
6
4
100
1k
100M
1G
1M
100k
10M
10k
10
100
25
-10
15
20
-5
0
5
10
AV=+2
RL=150Ω
Two-tone 3rd Order
Input Referred Intermodulation Intercept (IIP3)
AV=+2
RL=100Ω
2nd and 3rd Harmonic Distortion vs Frequency
110
100
-20
-90
-70
-30
-50
-80
-40
-60
AV=+2
VOUT=2VP-P
RL=100Ω
2nd Order
Distortion
3rd Order
Distortion


Similar Part No. - EL5293C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5293CS INTERSIL-EL5293CS Datasheet
307Kb / 14P
   Dual 300MHz Current Feedback Amplifier with Enable
EL5293CS INTERSIL-EL5293CS Datasheet
349Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5293CS RENESAS-EL5293CS Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5293CS-T13 INTERSIL-EL5293CS-T13 Datasheet
307Kb / 14P
   Dual 300MHz Current Feedback Amplifier with Enable
EL5293CS-T13 INTERSIL-EL5293CS-T13 Datasheet
349Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
More results

Similar Description - EL5293C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5293 RENESAS-EL5293 Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5293 INTERSIL-EL5293 Datasheet
307Kb / 14P
   Dual 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293_07 Datasheet
349Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Elantec Semiconductor
EL5193C ELANTEC-EL5193C Datasheet
368Kb / 17P
   Single 300MHz Current Feedback Amplifier
EL5393C ELANTEC-EL5393C Datasheet
315Kb / 15P
   Triple 300MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5193 INTERSIL-EL5193 Datasheet
345Kb / 17P
   Single 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_06 Datasheet
1Mb / 19P
   Single 300MHz Current Feedback Amplifier with Enable
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5393A INTERSIL-EL5393A Datasheet
594Kb / 16P
   Triple 300MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com