Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5287C Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL5287C
Description  Dual and Window 4ns High-Speed Comparators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5287C Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL5287C Datasheet HTML 1Page - Elantec Semiconductor EL5287C Datasheet HTML 2Page - Elantec Semiconductor EL5287C Datasheet HTML 3Page - Elantec Semiconductor EL5287C Datasheet HTML 4Page - Elantec Semiconductor EL5287C Datasheet HTML 5Page - Elantec Semiconductor EL5287C Datasheet HTML 6Page - Elantec Semiconductor EL5287C Datasheet HTML 7Page - Elantec Semiconductor EL5287C Datasheet HTML 8Page - Elantec Semiconductor EL5287C Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a “controlled document”. Current revisions, if any, to these
specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation.
© 2001 Elantec Semiconductor, Inc.
General Description
The EL5287C comparator is designed for operation in single supply
and dual supply applications with 5V to 12V between VS+ and VS-.
For single supplies, the inputs can operate from 0.1V below ground for
use in ground sensing applications.
The output side of the comparators can be supplied from a single sup-
ply of 2.7V to 5V. The rail-to-rail output swing enables direct
connection of the comparator to both CMOS and TTL logic circuits.
The latch input of the EL5287C can be used to hold the comparator
output value by applying a low logic level to the pin.
The EL5287C contains two comparators set up as a window compara-
tor. A single input is compared with a high and low reference. When
the output goes beyond one of these reference signals, the relevant out-
put goes high.
The EL5287C is available in the 10-pin MSOP package and is speci-
fied for operation over the full -40°C to +85°C temperature range.
Also available are a single (EL5185C) and quad versions (EL5485C
and EL5486C.)
Pin Configurations
1
2
3
4
10
9
8
7
5
6
EL5287C
(10-Pin MSOP)
VS+
VREFH
IN
VREFL
VS-
VSD
OUTH
LATCH
OUTL
GND
-
+
-
+
Features
• 4ns typ. propagation delay
• 5V to 12V input supply
• +2.7V to +5V output supply
• True-to-ground input
• Rail-to-rail outputs
• Separate analog and digital
supplies
• Active low latch
• Single available (EL5185C)
• Quad available (EL5485C &
EL5486C)
• Pin-compatible 6ns family
available (EL5x81C, EL5283C &
EL5482C)
Applications
• Threshold detection
• High speed sampling circuits
• High speed triggers
• Line receivers
• PWM circuits
• High speed V/F converters
Ordering Information
Part No.
Package
Tape & Reel
Outline #
EL5287CY
10-Pin MSOP
-
MDP0043
EL5287CY-T13
10-Pin MSOP
13”
MDP0043
EL5287C - Preliminary
Dual and Window 4ns High-Speed Comparators


Similar Part No. - EL5287C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5287CY INTERSIL-EL5287CY Datasheet
136Kb / 8P
   Window 4ns High-Speed Comparator
EL5287CY-T13 INTERSIL-EL5287CY-T13 Datasheet
136Kb / 8P
   Window 4ns High-Speed Comparator
More results

Similar Description - EL5287C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5285C ELANTEC-EL5285C Datasheet
303Kb / 11P
   Dual and Window 4ns High-Speed Comparators
EL5283C ELANTEC-EL5283C Datasheet
257Kb / 9P
   Dual and Window 8ns High-Speed Comparators
EL5485C ELANTEC-EL5485C Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
logo
Intersil Corporation
EL5485 INTERSIL-EL5485 Datasheet
154Kb / 9P
   Quad 4ns High Speed Comparators
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
   Window 4ns High-Speed Comparator
EL5285I INTERSIL-EL5285I Datasheet
136Kb / 9P
   Dual 4ns High-Speed Comparator
EL5185 INTERSIL-EL5185 Datasheet
100Kb / 9P
   4ns High-Speed Comparator
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119_08 Datasheet
589Kb / 12P
   High speed dual comparators
LM119 STMICROELECTRONICS-LM119_02 Datasheet
182Kb / 9P
   HIGH SPEED DUAL COMPARATORS
LM119-LM219 STMICROELECTRONICS-LM119-LM219 Datasheet
122Kb / 9P
   HIGH SPEED DUAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com