Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ROV20H180M Datasheet(PDF) 8 Page - Tyco Electronics

Part No. ROV20H180M
Description  20mm Series Metal Oxide Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV20H180M Datasheet(HTML) 8 Page - Tyco Electronics

Back Button ROV20H180M Datasheet HTML 3Page - Tyco Electronics ROV20H180M Datasheet HTML 4Page - Tyco Electronics ROV20H180M Datasheet HTML 5Page - Tyco Electronics ROV20H180M Datasheet HTML 6Page - Tyco Electronics ROV20H180M Datasheet HTML 7Page - Tyco Electronics ROV20H180M Datasheet HTML 8Page - Tyco Electronics ROV20H180M Datasheet HTML 9Page - Tyco Electronics ROV20H180M Datasheet HTML 10Page - Tyco Electronics ROV20H180M Datasheet HTML 11Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ROV20, ROV20H, ROV20E
20mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.tycopowercomponents.com
Document: SCD 25484
Status: Released
Rev. A June 30, 2003
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
8 of 11
DIMENSIONS
A max.
E
C max.
B
D
15 max.
A max.
E
C max.
F
B1
D
1
l
l
KINKED LEAD TYPE
STRAIGHT LEAD TYPE (-S)
Dimension Table
Table of C max., F, and B1 max.
Type No.
C max.
F±0.8
B1 max.
180M
5.2
0.9
26.5
220L
5.3
1.0
26.5
270K
5.4
1.1
26.5
330K
5.4
1.2
26.5
390K
5.4
1.4
26.5
470K
5.6
1.4
26.5
560K
5.6
1.6
26.5
680K
6.1
1.9
26.5
820K
4.9
1.2
26.5
101K
5.1
1.2
26.5
121K
5.3
1.3
26.5
151K
5.6
1.6
26.5
181K
5.2
1.4
26.5
201K
5.3
1.4
26.5
221K
5.4
1.5
26.5
241K
5.5
1.7
26.5
271K
5.7
1.9
26.5
301K
5.9
2.1
26.5
331K
6.0
2.1
26.5
361K
6.2
2.3
26.5
391K
6.4
2.4
26.5
431K
7.2
2.7
26.5
471K
7.5
2.9
27.0
511K
7.7
3.3
27.0
561K
8.0
3.6
27.0
621K
8.3
4.1
27.0
681K
8.7
4.4
27.0
751K
9.1
4.5
27.0
781K
9.3
4.8
27.0
821K
9.5
4.8
27.0
911K
10.1
5.7
27.0
102K
10.7
5.8
27.0
112K
11.2
6.3
27.0
182K
13.5
10.4
29.0
A max.
23.0
l ± 0.05
1.0
E ± 1.0
10.0
B max.
28.0
D1 min.
25.0
D min.
24.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn