Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROV20-560L Datasheet(PDF) 5 Page - Tyco Electronics

Part # ROV20-560L
Description  20mm Series Metal Oxide Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV20-560L Datasheet(HTML) 5 Page - Tyco Electronics

  ROV20-560L Datasheet HTML 1Page - Tyco Electronics ROV20-560L Datasheet HTML 2Page - Tyco Electronics ROV20-560L Datasheet HTML 3Page - Tyco Electronics ROV20-560L Datasheet HTML 4Page - Tyco Electronics ROV20-560L Datasheet HTML 5Page - Tyco Electronics ROV20-560L Datasheet HTML 6Page - Tyco Electronics ROV20-560L Datasheet HTML 7Page - Tyco Electronics ROV20-560L Datasheet HTML 8Page - Tyco Electronics ROV20-560L Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ROV20, ROV20H, ROV20E
20mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.tycopowercomponents.com
Document: SCD 25484
Status: Released
Rev. A June 30, 2003
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
5 of 11
DEVICE RATINGS AND CHARACTERISTICS
HIGH SURGE SERIES
Varistor Voltage
V@1.0mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
V@100A
Maximum Surge
Current
(8x20us)
Rated
Wattage
Energy
(10x1000us)
Capacitance
(Typical)
Certifications
Part Number
(VDC)
Tolerance
Vrms
(VAC)
(VDC)
(VDC)
1
Time
(A)
2
Times
(A)
(W)
(J)
@1kHz
(pF)
ROV20H180M
18
11
14
36
1)
13.0
27100
ROV20H220M
22
14
18
43
1)
16.0
21200
ROV20H270M
27
17
22
53
1)
19.0
20000
ROV20H330M
33
± 20%
20
26
65
1)
24.0
17200
ROV20H390L
39
25
31
77
1)
28.0
15000
ROV20H470L
47
30
38
93
1)
34.0
12100
ROV20H560L
56
35
45
110
1)
41.0
11600
ROV20H680L
68
± 15%
40
56
135
1)
3000
2000
0.20
49.0
9600
ROV20H820K
82
50
65
135
56.0
5200
ROV20H101K
100
60
85
165
72.0
4000
ROV20H121K
120
75
100
200
88.0
3800
ROV20H151K
150
95
125
250
106.0
3000
ROV20H181K
180
115
150
300
130.0
2400
ROV20H201K
200
130
170
340
140.0
1830
♦ ●
ROV20H221K
220
140
180
360
155.0
1600
♦ ●
ROV20H241K
240
150
200
395
168.0
1420
♦ ●
ROV20H271K
270
175
225
455
190.0
1260
♦ ●
ROV20H301K
300
195
250
505
210.0
1100
♦ ●
ROV20H331K
330
210
275
550
228.0
1110
♦ ●
ROV20H361K
360
230
300
595
255.0
990
♦ ●
ROV20H391K
390
250
320
650
275.0
980
♦ ●
ROV20H431K
430
275
350
710
303.0
860
♦ ●
ROV20H471K
470
300
385
775
350.0
760
♦ ●
ROV20H511K
510
320
418
842
382.0
790
♦ ●
ROV20H561K
560
350
460
920
410.0
680
♦ ●
ROV20H621K
620
385
505
1025
420.0
600
♦ ●
ROV20H681K
680
420
560
1120
430.0
550
♦ ●
ROV20H751K
750
460
615
1240
440.0
550
♦ ●
ROV20H781K
780
485
640
1290
450.0
480
♦ ●
ROV20H821K
820
510
670
1355
460.0
520
♦ ●
ROV20H911K
910
550
745
1500
510.0
440
♦ ●
ROV20H102K
1000
625
825
1650
566.0
400
♦ ●
ROV20H112K
1100
± 10%
680
895
1815
10000
6500
1.00
620.0
360
♦ ●
1) The clamping voltage for devices ROV20H180M to ROV20H680L is tested with 20A current.


Similar Part No. - ROV20-560L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV20-181K MACOM-ROV20-181K Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
ROV20-241K-2 MACOM-ROV20-241K-2 Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
ROV20-241K-AP MACOM-ROV20-241K-AP Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
ROV20-241K-S-2 MACOM-ROV20-241K-S-2 Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
ROV20-241K-S-AP MACOM-ROV20-241K-S-AP Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
More results

Similar Description - ROV20-560L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV20 MACOM-ROV20 Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com