Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJSAE-5384-04 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # RJSAE-5384-04
Description  Modular jacks available in RJ45 & RJ11 styles
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RJSAE-5384-04 Datasheet(HTML) 2 Page - Amphenol Corporation

  RJSAE-5384-04 Datasheet HTML 1Page - Amphenol Corporation RJSAE-5384-04 Datasheet HTML 2Page - Amphenol Corporation RJSAE-5384-04 Datasheet HTML 3Page - Amphenol Corporation RJSAE-5384-04 Datasheet HTML 4Page - Amphenol Corporation RJSAE-5384-04 Datasheet HTML 5Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
XX
Shielding
Number of Contacts
X
X
Shielding
Number of Contacts
XX
X
-
01
Plating
Shield Option
Number of Contacts
# of ports
XX
X
Shield No Shield
Number of Contacts
Light-pipe/No Light-pipe
XX
-
X
X
Shield Option
Plating Option
Typical Part Number Structure - RJSBE-XXXX-CX
XX
Shield & filter Option
Number of Contacts
Typical Part Number Structure - RJULE-4X1XX-01X
X1
X
-
'01
Plating
Housing Color
# of Contacts
# of ports
XX
-
0
X
Shield Option
Plating Option
X = 0 No Shield
X = 1 Shielded Top/Side Panel Ground Tabs
X = 2 Shielded with Rear Panel Ground tab
X = 3 Shielded No Panel Ground Tabs
Blank = Tray
T = Tape/Reel
XX = 01 for 1 port
XX = 02 for 2 port
X=8 for RJ45
X=6 for RJ11
X=4 for RJ9
X=A for RJ50
X = 4, 6 or 8
X = 4 or 6
X = 2 or 4
X = 10
X = 1 For 6u"Au
X = 2 For 15u"Au
X = 3 For 30u" Au
X = 4 For 50 u" Au
Single Port
0 = No Shield
0 = Standard
X = 0 Without Flange
X = 1 Flange Present
XX = blank for 1 port
XX = 02 for 2 port
XX = 04 for 4 port
etc. up to 8 ports
0X = 01 for 1 port
0X = 02 for 2 port
XX = blank for 1 port
XX = 02 for 2 port
XX = 04 for 4 port
X = 0 For No Shield
X = 1 For Shield
X = 1 For 6u"Au
X = 2 For 15u"Au
X = 3 For 30u" Au
X = 4 For 50 u" Au
X = 0 Without Flange
X = 1 Flange Present
Single Port
Typical Part Number Structure - RJE01-6XX-0X
X ≠ 0 For LED's
X = 0 For No LED's
See LED Options Table
0 = Standard
X=8 for RJ45
X=6 for RJ11
X = 4, 6 or 8
X = 4 or 6
Typical Part Number Structure - RJE07-1XX-XXX0
Flange Option
0 = Gold Flash
1 = 15u" Au
2 = 30u"Au
3 = 50u"Au
X = 1
X = 0
# of ports
X
Light-pipe/No Light-pipe
Typical Part Number Structure for Single Port - RJSSE-XXXX
Number of Contacts
X = 1 to 6
-
CX
Type & Plating
1
-
XX
Single Port
# of Ports
-
01
Typical Part Number Structure - RJCSE-XXXX-01
X = 5 (RJ45, 50u" Au)
X = 4 (RJ45, 30u" Au)
X = 3 (RJ45, 15u" Au)
X
LED Option
-
0X
# of ports
X
Shield Option
RJ11
X = 0 No Shield
X = 1 Shield
X = 2 Solder Anchor
X = 5 Shield No Tabs w PCB Tails
X = 1 to 8
Type
Tape & Reel
X = 3 For Shield
X = 0 For No Shield
Packaging
Housing Option
Typical Part Number Structure - RJLSE-XXXXX-01T
RJLSE
- X
XT
X ≠ 0 For LED's
X = 0 For No LED's
See LED Options Table
Typical Part Number Structure for Single Port - RJHSE-XXXX
Typical Part Number Structure for Multi Port - RJHSE-XXXX-XX
RJE01
- 6X
X = 5 (RJ45)
X = 7 (RJ11)
X = 1 to 8 (RJ45)
X = 1 to 6 (RJ11)
Tab Up Right Angle Single and Multiport RoHS Compliant Modular Jacks with Shield and LED Options in RJ45 and RJ11 Configurations
Surface Mount R/A Single and Multiport RoHS Compliant Modular Jacks with Shield, Light-Pipe and LED Options in RJ45 and RJ11 Configurations
Type
X = 3 For Shield
X = 0 For No Shield
# of ports
-
XX
X
LED Option
RJHSE
-
X
RJSSE
- X
X ≠ 0 For LED's
X = 0 For No LED's
See LED Options Table
X
CX = C1 for 1 port
CX = C2 for 2 port
CX = C4 for 4 port
Type
# of ports
X = 1 to 8 (RJ45)
X = 1 to 6 (RJ11)
X=5 (RJ45)
X=7 (RJ11)
RJSBE
RJCSE
-
X
- 1
0
FRJAE
- X
RJE07
Typical Part Number Structure - RJE02-1XX-0XX0
LED Option
# of Positions
# of Contacts
# of Ports
Type
X=4 (RJ45)
X=6 (RJ11)
RJE02
- 1
X = 5 for RJ45
X = 7 for RJ11
X
Black
- 4
X = 0 No Shield
X = 2 Shield + Filter
X = 3 Shield
-
XX
# of ports
X = 1
X = 0
X=3
X=0
X
Packaging
X = 0 For 6u"Au
X = 1 For 15u"Au
X = 2 For 30u" Au
X = 3 For 50 u" Au
Tab Down Right Angle Single and Multiport RoHS Compliant Modular Jacks with Shield, LED and Filter Options in RJ45 and RJ11 Configurations
X
Modifier
Type
RJULE
X
X = 1 to 8
Type
RJ45
X
Shield Option
X = 2 to 8
0
1
X = 1 For Black Housing
X = 2 For Yellow Housing
X = 3 For Red Housing
X = 4 Black Long Body
Shield and Filter Option
X = 0 No Shield
X = 1 Filtered with Front Tab Shield
X = 3 Front Tab Shield Only
X = 4 Filtered Only
X = 6 Filtered with Rear tab Shield
X = 8 Rear tab Shield Only
X = 1 to 8
X = 0 No Shield
X = 1 Shield
X = 2 Solder Anchor
X = 1 to 8
-
X
# of Positions # of Contacts
Typical Part Number Structure for Multi Port - RJSSE-XXXX-XX
# of Ports
Flange Option
Modifier
Typical Part Number Structure - FRJAE-XXX-XX
Type
X=4 (RJ45)
X=6 (RJ11)
X
Number of Contacts
Modular Jacks
www.amphenolacp.com
ACPRJHC07


Similar Part No. - RJSAE-5384-04

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RJSAE-5381-02 AMPHENOL-RJSAE-5381-02 Datasheet
201Kb / 2P
   RJSAE SERIES 2X1 STACKABLE MODULAR JACK, 8 CONTACTS & 2 LED PER POST, SHIELDED WITH SIDE GROUND TABS
More results

Similar Description - RJSAE-5384-04

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
   MODULAR JACKS
logo
Yamaichi Electronics Co...
TS4A YAMAICHI-TS4A Datasheet
181Kb / 6P
   Modular Jacks
logo
List of Unclassifed Man...
7001-4P4C ETC2-7001-4P4C Datasheet
100Kb / 2P
   RJ11 Modular Plug - 4P4C
logo
TE Connectivity Ltd
RJ11-2X TEC-RJ11-2X Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
logo
Coilcraft lnc.
PCRJ11-1 COILCRAFT-PCRJ11-1 Datasheet
157Kb / 2P
   Filtered Modular Jacks
logo
Tyco Electronics
RJ11-2X MACOM-RJ11-2X_11 Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
5569256-1 MACOM-5569256-1 Datasheet
173Kb / 3P
   Stacked Modular Jacks
logo
Adam Technologies, Inc.
MTJ64021 ADAM-TECH-MTJ64021 Datasheet
151Kb / 1P
   MODULAR TELEPHONE JACKS
logo
TE Connectivity Ltd
X TEC-X_V01 Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
logo
Adam Technologies, Inc.
MTJG-12-88JX1-FSG-PG ADAM-TECH-MTJG-12-88JX1-FSG-PG Datasheet
157Kb / 1P
   MODULAR TELEPHONE JACKS GANGED & STACKED JACKS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com