Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCSC1904231 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # RCSC1904231
Description  DATA SUBJECT TO CHANGE WITHOUT NOTLCE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RCSC1904231 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  RCSC1904231 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data subject to change without notice. Isometric drawing not to scale.
www.hammondmfg.com
PART NO. RCSC1904231
PART NUMBERS
PAINTED BLACK TEXTURED
RCSC1904231BK1
NOTES
Shipped knockdown for handling ease & protection
See Hammond Website for Additional Accessories
Item Number
Title
Quantity
1
RCSC - BOTTOM PANEL
1
2
RCSC - SIDE FRAME
2
3
RCSC - TOP PANEL
1
4
RCSC - 24U PUNCHED PANEL RAIL
4
5
SCREW M6 X 1.0 X 12MM
8
6
PLUG - 1.00" DIA. HOLE
4
7
PLUG - 0.38" X 1.13" CUTOUT
8
FRONT VIEW
TOP VIEW
BOTTOM VIEW
SIDE VIEW
A
A
SECTION A-A
B
B
SECTION B-B
DETAIL C
.00 in
0 mm
1.19 in
30 mm
4.82 in
122 mm
2X
7.75 in
197 mm
2X
2.68 in
68 mm
3" X 3" CABLE
PASS-THRU HOLE
(KNOCK-OUT)
O
.28 in
7 mm
4X
MTG HOLES FOR
OPTIONAL CASTERS
5/16-18 THREAD
THRU
42.03 in
1068 mm
(24U)
18.35 in
466 mm
19" MTG
19.09 in
485 mm
USABLE
SPACE
31.50 in
800 mm
29.99 in
762 mm
USABLE
SPACE
4" MUFFIN FAN
CUTOUT OR CABLE
PASS-THRU HOLE
(KNOCK-OUT)
4.06 in
103 mm
15.89 in
404 mm
46.28 in
1176 mm
2
2
1
3
4
5
6
7
REAR VIEW
1.50 X 10.00
GLAND OPENING
(KNOCK-OUT)
24.00 in
610 mm


Similar Part No. - RCSC1904231

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RCSC1904231BK1 HAMMOND-RCSC1904231BK1 Datasheet
81Kb / 2P
   Armoire empilable a assembler
More results

Similar Description - RCSC1904231

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
FLHTF800A115 HAMMOND-FLHTF800A115 Datasheet
302Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MD2 HAMMOND-1490MD2 Datasheet
182Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MG6 HAMMOND-1490MG6 Datasheet
171Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MJ12 HAMMOND-1490MJ12 Datasheet
182Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Qimonda AG
GRDBARV22 QIMONDA-GRDBARV22 Datasheet
142Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Hammond Manufacturing L...
HCS-DFG-48 HAMMOND-HCS-DFG-48 Datasheet
135Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
GRDBAR800 HAMMOND-GRDBAR800 Datasheet
147Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1554MPB3 HAMMOND-1554MPB3 Datasheet
245Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ643HLP HAMMOND-HJ643HLP Datasheet
108Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ644HLP HAMMOND-HJ644HLP Datasheet
108Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ683HLP HAMMOND-HJ683HLP Datasheet
115Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com