Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFM12B-915S2P Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RFM12B-915S2P
Description  UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM12B-915S2P Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RFM12B-915S2P Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM12B-915S2P Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM12B-915S2P Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM12B-915S2P Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM12B-915S2P Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM12B-915S2P Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM12B-915S2P Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM12B-915S2P Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM12B-915S2P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RFM12B
Datasheet REV2.0
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com
http://www.hoperf.com
Iin
Input current except power
-25
25
mA
ESD
Human body model
1000
V
Tst
Storage temperature
-55
125
Tld
Soldering temperature(10s)
260
Recommended working range
symbol
parameter
minimum
maximum
Unit
Vdd
Positive power supply
2.2
3.8
V
Top
Working temperature
-40
85
DC characteristic
symbol
parameter
Remark
minimum
typical
maximum
Unit
Idd_TX_0
Supply current
(TX mode, Pout = 0dBm)
315,433MHz band
868MHz band
915MHz band
15
16
17
17
18
19
mA
Idd_TX_PMAX
Supply current
(TX mode, Pout = Pmax)
315,433MHz band
868MHz band
915MHz band
22
23
24
24
25
26
mA
Idd_RX
Supply current
(RX mode)
315,433MHz band
868MHz band
915MHz band
11
12
13
13
14
15
mA
Ix
Idle current
Crystal oscillator on
0.62
1.2
mA
Ipd
Sleep mode current
All blocks off
0.3
uA
Ilb
Low battery detection
0.5
uA
Vlb
Low battery detect
threshold
0.1V per step
2.2
3.7
V
Vlba
Low battery detection
accuracy
0
5
%
Vil
Low level input
0.3*Vdd
V
Vih
High level input
0.7*Vdd
V
Iil
Leakage current
Vil=0V
-1
1
uA
Iih
Leakage current
Vih=Vdd, Vdd=5.4V
-1
1
uA
Vol
Low level output
Iol=2mA
0.4
V
Voh
High level output
Ioh=-2mA
Vdd-0.4
V
AC characteristic
symbol
parameter
remark
min
typical
max
Unit
fref
PLL frequency
9
10
11
MHz
fLO
frequency
(10MHz crystal
used)
433 MHz band,2.5KHz step
868 MHz band,5KHz step
915 MHz band,7.5KHz step
430.24
860.48
900.72
439.7
5
879.5
1
929.2
7
MHz


Similar Part No. - RFM12B-915S2P

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM12B-433-DP HOPE-RFM12B-433-DP Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
RFM12B-433-S1P HOPE-RFM12B-433-S1P Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
More results

Similar Description - RFM12B-915S2P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM12BP ETC2-RFM12BP Datasheet
339Kb / 8P
   UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
RFM12B ETC2-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
IA4420 ETC1-IA4420 Datasheet
611Kb / 29P
   Universal ISM Band FSK Transceiver
logo
HOPE Microelectronics C...
RFM12B HOPE-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
logo
List of Unclassifed Man...
SI4420-D1-FT ETC2-SI4420-D1-FT Datasheet
620Kb / 33P
   Si4420 Universal ISM Band FSK Transceiver
RFM02 ETC2-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
HOPE Microelectronics C...
RFM02 HOPE-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
RFM50 HOPE-RFM50 Datasheet
244Kb / 8P
   ISM Band Transceiver Module
logo
Analog Devices
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com