Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFM12B-433S2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RFM12B-433S2
Description  UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM12B-433S2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RFM12B-433S2 Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM12B-433S2 Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM12B-433S2 Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM12B-433S2 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM12B-433S2 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM12B-433S2 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM12B-433S2 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM12B-433S2 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM12B-433S2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
RFM12B
Datasheet REV2.0
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com
http://www.hoperf.com
AC characteristic(Transmitter)
symbol
parameter
remark
min
typical
max
Unit
433MHz band
3
5
868MHz band
2
4
Pmax
Max. available output power
915MHz band
2
4
dBm
Pout
Typical output power
Selectable in 3 dB
steps
Pmax-21
Pmax
dbm
Co
Output capacitance
(set by the automatic antenna
tuning circuit)
In low bands
In high bands
2
2.1
2.6
2.7
3.2
3.3
pf
Qo
Quality factor of the output
capacitance
In low bands
In high bands
13
8
15
10
17
12
Lout
Output phase noise
100 kHz from carrier
1 MHz from carrier
-80
-103
dbc/HZ
BRTX
FSK bit rate
Via internal TX data
register
172
kbps
BRATX
FSK bit rate
TX data connected to the
FSK input
256
kbps
dffsk
FSK frequency deviation
Programmable in 15
kHz steps
15
240
kHZ
AC characteristic(Turn-on/Turnaround timings)
symbol
parameter
remark
min
typical
max
Unit
Tst
Crystal oscillator
startup time
Crystal ESR < 100
1
5
ms
Ttx_XTAL_ON
Transmitter
turn-on
time
Synthesizer
off,
crystal
oscillator on with 10 MHz step
250
us
Trx_XTAL_ON
Receiver turn-on time
Synthesizer
off,
crystal
oscillator on with 10 MHz step
250
us
Ttx_rx_SYNT_ON
Transmitter
Receiver turnover time
Synthesizer
and
crystal
oscillator on during TX/RX
change with 10 MHz step
150
us
Trx_tx_SYNT_ON
Receiver
Transmitter
turnover
time
Synthesizer
and
crystal
oscillator on during RX/TX
change with 10 MHz step
150
us
Cxl
Crystal load
capacitance
Programmable in 0.5 pF steps,
tolerance+/- 10%
8.5
16
pf
tPOR
Internal POR timeout
After Vdd has reached 90% of
final value
100
ms
tPBt
Wake-up timer clock
period
Calibrated every 30 seconds
0.96
1.05
ms
Cin, D
Digital input apacitance
2
pf
tr, f
Digital output rise/fall time
15pF pure capacitive load
10
ns


Similar Part No. - RFM12B-433S2

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM12B-433-DP HOPE-RFM12B-433-DP Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
RFM12B-433-S1P HOPE-RFM12B-433-S1P Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
More results

Similar Description - RFM12B-433S2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM12BP ETC2-RFM12BP Datasheet
339Kb / 8P
   UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
RFM12B ETC2-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
IA4420 ETC1-IA4420 Datasheet
611Kb / 29P
   Universal ISM Band FSK Transceiver
logo
HOPE Microelectronics C...
RFM12B HOPE-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
logo
List of Unclassifed Man...
SI4420-D1-FT ETC2-SI4420-D1-FT Datasheet
620Kb / 33P
   Si4420 Universal ISM Band FSK Transceiver
RFM02 ETC2-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
HOPE Microelectronics C...
RFM02 HOPE-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
RFM50 HOPE-RFM50 Datasheet
244Kb / 8P
   ISM Band Transceiver Module
logo
Analog Devices
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com