Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP503WYL095WHR Datasheet(PDF) 13 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # EP503WYL095WHR
Description  Enhance Power LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

EP503WYL095WHR Datasheet(HTML) 13 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button EP503WYL095WHR Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. EP503WYL095WHR Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. EP503WYL095WHR Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. EP503WYL095WHR Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. EP503WYL095WHR Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. EP503WYL095WHR Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. EP503WYL095WHR Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD. EP503WYL095WHR Datasheet HTML 12Page - PARA LIGHT ELECTRONICS CO., LTD. EP503WYL095WHR Datasheet HTML 13Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Enhance Power LED
EP503WYL095WHR
REV:A/1
● Part NO. System of E-Power LED
EP 5 01 WY L 002 W HR
DRAWING NO. : DS-50-10-XXX
DATE : 2012-07-02
Page : 13
R1:
λd =625nm
Y1:
λd=590nm
G1:
λd=525nm
B1:
λd= 460nm
IR:
λP=850nm
A1:
λd=615nm
W1: white
WY: warm white
Power:
01
—0.5~1W,03—2~3W,05—4~5W,......
0A-100W
Slug material:
1
—Al,2—silicon,3—Fe,4—ceramic,
5
—Cu
EP:Enhance Power
Series Number
View Angle:
2: 2*5=10°
L: L*5=130°
3: 3*5=15°
M: M*5=160°
6 : 6*5=30°
C: C*5=60°
Special mark:W:white, B:black
HR:80 CRI
HR2:85 CRI
HR3:90 CRI
Release
by
PARA LIGHT DCC


Similar Part No. - EP503WYL095WHR

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
EP503IR4L017W PARALIGHT-EP503IR4L017W Datasheet
168Kb / 12P
   Enhance Power LED
EP503IR4L076W PARALIGHT-EP503IR4L076W Datasheet
169Kb / 12P
   Enhance Power LED
EP503IR4L077W PARALIGHT-EP503IR4L077W Datasheet
169Kb / 12P
   Enhance Power LED
EP503IR4L091W PARALIGHT-EP503IR4L091W Datasheet
168Kb / 12P
   Enhance Power LED
More results

Similar Description - EP503WYL095WHR

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
EP501W2L001WL PARALIGHT-EP501W2L001WL Datasheet
178Kb / 13P
   Enhance Power LED
EP501WYL061WHR2 PARALIGHT-EP501WYL061WHR2 Datasheet
280Kb / 13P
   Enhance Power LED
EP503IR4L017W PARALIGHT-EP503IR4L017W Datasheet
168Kb / 12P
   Enhance Power LED
EP503IR4L077W PARALIGHT-EP503IR4L077W Datasheet
169Kb / 12P
   Enhance Power LED
EP501WYL002WH PARALIGHT-EP501WYL002WH Datasheet
279Kb / 13P
   Enhance Power LED
EP501WYL002WHR PARALIGHT-EP501WYL002WHR Datasheet
200Kb / 13P
   Enhance Power LED
EP501YL006W PARALIGHT-EP501YL006W Datasheet
257Kb / 12P
   Enhance Power LED
EP502IRAL039W PARALIGHT-EP502IRAL039W Datasheet
176Kb / 12P
   Enhance Power LED
EP501WYL064WHR3 PARALIGHT-EP501WYL064WHR3 Datasheet
281Kb / 13P
   Enhance Power LED
EP501W2L001W PARALIGHT-EP501W2L001W Datasheet
184Kb / 13P
   Enhance Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com