Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLF26WCWE2 Datasheet(PDF) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # DLF26WCWE2
Description  LED Down Light
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

DLF26WCWE2 Datasheet(HTML) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

  DLF26WCWE2 Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. DLF26WCWE2 Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. DLF26WCWE2 Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. DLF26WCWE2 Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LED Down Light
DLF26WCWE2
Rev.: A /0
Photo:
◆Dimensions:
Note:
1.All the dimensions are in millimeters
2.Tolerance is
±5mm unless otherwise noted
DRAWING NO. : DS-80-13-XXXX
DATE : 2013-9-26
Page : 2
Release
by
PARA LIGHT DCC


Similar Part No. - DLF26WCWE2

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
DLF26WCWE1 PARALIGHT-DLF26WCWE1 Datasheet
262Kb / 4P
   LED Down Light
More results

Similar Description - DLF26WCWE2

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
DLF26WCWE1 PARALIGHT-DLF26WCWE1 Datasheet
262Kb / 4P
   LED Down Light
logo
A-BRIGHT Inc
AB-DSW-15W A-BRIGHT-AB-DSW-15W_15 Datasheet
205Kb / 2P
   LED Down Light
logo
PARA LIGHT ELECTRONICS ...
DLF33WCWE2 PARALIGHT-DLF33WCWE2 Datasheet
262Kb / 4P
   LED Down Light
logo
A-BRIGHT Inc
AB-DW0-10W A-BRIGHT-AB-DW0-10W_15 Datasheet
126Kb / 2P
   LED Down Light
AB-DSW-10W A-BRIGHT-AB-DSW-10W_15 Datasheet
126Kb / 2P
   LED Down Light
AB-DW0-15W A-BRIGHT-AB-DW0-15W_15 Datasheet
205Kb / 2P
   LED Down Light
logo
PARA LIGHT ELECTRONICS ...
DLF33WCWE1 PARALIGHT-DLF33WCWE1 Datasheet
263Kb / 4P
   LED Down Light
logo
A-BRIGHT Inc
AB-DSW-10W A-BRIGHT-AB-DSW-10W Datasheet
126Kb / 2P
   Ø172x80mm LED Down Light
AB-DSW-15W A-BRIGHT-AB-DSW-15W Datasheet
205Kb / 2P
   Ø180x95mm LED Down Light
AB-DW0-10W A-BRIGHT-AB-DW0-10W Datasheet
126Kb / 2P
   Ø172x80mm LED Down Light
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com