Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL4430C Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL4430C
Description  Video Instrumentation Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4430C Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL4430C Datasheet HTML 1Page - Elantec Semiconductor EL4430C Datasheet HTML 2Page - Elantec Semiconductor EL4430C Datasheet HTML 3Page - Elantec Semiconductor EL4430C Datasheet HTML 4Page - Elantec Semiconductor EL4430C Datasheet HTML 5Page - Elantec Semiconductor EL4430C Datasheet HTML 6Page - Elantec Semiconductor EL4430C Datasheet HTML 7Page - Elantec Semiconductor EL4430C Datasheet HTML 8Page - Elantec Semiconductor EL4430C Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EL4430CEL4431C
Video Instrumentation Amplifiers
Closed-Loop AC Electrical Characteristics Power supplies at g12V T
A
e
25 C RL e 500X for
the EL4430 RL e 150X for the EL4431 CL e 15 pF For the EL4431 RF e RG e 500X
Parameter
Description
Min
Typ
Max
Test
Units
Level
BW b3dB
b
3 dB small-signal bandwidth
EL4430
82
V
MHz
EL4431
80
V
MHz
BW g01 dB
01 dB flatness bandwidth
EL4430
20
V
MHz
EL4431
14
V
MHz
Peaking
Frequency response peaking
EL4430
06
V
dB
EL4431
10
V
dB
SR
Slew rate VOUT between b2V and a2V
All
380
V
V
ms
VN
Input-referred noise voltage density
EL443031
26
V
nVrt-Hz
dG
Differential gain error Voffset between
EL4430
002
V
%
b
07V and a07V
EL4431 RL e 150X
004
V
%
d
i
Differential gain error Voffset between
EL4430
002
V
( )
b
07V and a07V
EL4431 RL e 150X
008
V
( )
TS
Settling time to 01% from a 4V step
EL4430
48
V
ns
Test Circuit
4430 – 3
Typical
Performance
Curves
EL4430 and EL4431
Common-Mode Rejection
Ratio vs Frequency
4430 – 4
3


Similar Part No. - EL4430C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4430CN INTERSIL-EL4430CN Datasheet
185Kb / 10P
   Video Instrumentation Amplifiers
EL4430CS INTERSIL-EL4430CS Datasheet
185Kb / 10P
   Video Instrumentation Amplifiers
More results

Similar Description - EL4430C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4430 INTERSIL-EL4430 Datasheet
185Kb / 10P
   Video Instrumentation Amplifiers
logo
Texas Instruments
INA331 TI1-INA331_15 Datasheet
990Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIERS
INA332 TI1-INA332 Datasheet
994Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIERS
INA128 TI-INA128 Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
[Old version datasheet]   Precision, Low-Power Instrumentation Amplifiers
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   Precision, Low Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
logo
Burr-Brown (TI)
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
   Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Texas Instruments
INA129UA TI1-INA129UA Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com