Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6635TRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF6635TRPBF
Description  Compatible with existing Surface Mount Techniques
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6635TRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF6635TRPBF Datasheet HTML 1Page - International Rectifier IRF6635TRPBF Datasheet HTML 2Page - International Rectifier IRF6635TRPBF Datasheet HTML 3Page - International Rectifier IRF6635TRPBF Datasheet HTML 4Page - International Rectifier IRF6635TRPBF Datasheet HTML 5Page - International Rectifier IRF6635TRPBF Datasheet HTML 6Page - International Rectifier IRF6635TRPBF Datasheet HTML 7Page - International Rectifier IRF6635TRPBF Datasheet HTML 8Page - International Rectifier IRF6635TRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
5/3/06
DirectFET
™ Power MOSFET ‚
Description
The IRF6635PbF combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packag-
ing to achieve the lowest on-state resistance in a package that has the footprint of a SO-8 and only 0.7 mm profile. The
DirectFET package is compatible with existing layout geometries used in power applications, PCB assembly equipment and
vapor phase, infra-red or convection soldering techniques. Application note AN-1035 is followed regarding the manufacturing
methods and processes. The DirectFET package allows dual sided cooling to maximize thermal transfer in power systems,
improving previous best thermal resistance by 80%.
The IRF6635PbF balances industry leading on-state resistance while minimizing gate charge along with ultra low package
inductance to reduce both conduction and switching losses. The reduced losses make this product ideal for high frequency/
high efficiency DC-DC converters that power high current loads such as the latest generation of microprocessors. The
IRF6635PbF has been optimized for parameters that are critical in synchronous buck converter’s SyncFET sockets.
Applicable DirectFET Outline and Substrate Outline (see p.7,8 for details)

Fig 1. Typical On-Resistance vs. Gate-to-Source Voltage
Typical values (unless otherwise specified)
Fig 2. Total Gate Charge vs. Gate-to-Source Voltage
SQ
SX
ST
MQ
MX
MT
DirectFET
™ ISOMETRIC
MX
VDSS
VGS
RDS(on)
RDS(on)
30V max ±20V max 1.3m
Ω@ 10V 1.8mΩ@ 4.5V
Qg tot
Qgd
Qgs2
Qrr
Qoss Vgs(th)
47nC
17nC
4.7nC
48nC
29nC
1.8V
0
1
2
3
4
5
6
7
8
9
10
VGS, Gate -to -Source Voltage (V)
0
2
4
6
8
10
ID = 32A
TJ =25°C
TJ =125°C
0
10
2030
405060
QG Total Gate Charge (nC)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VDS= 24V
VDS= 15V
ID= 25A
PD - 97086
l RoHs Compliant

l Lead-Free (Qualified up to 260°C Reflow)
l Application Specific MOSFETs
l Ideal for CPU Core DC-DC Converters
l Low Conduction Losses
l High Cdv/dt Immunity
l Low Profile (<0.7mm)
l Dual Sided Cooling Compatible

l Compatible with existing Surface Mount Techniques

IRF6635PbF
IRF6635TRPbF
 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET Website.
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple mounted to top (Drain) of part.
… Repetitive rating; pulse width limited by max. junction temperature.
† Starting TJ = 25°C, L = 0.63mH, RG = 25Ω, IAS = 25A.
Notes:
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V e
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V e
A
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V f
IDM
Pulsed Drain Current
g
EAS
Single Pulse Avalanche Energy
h
mJ
IAR
Avalanche Current
Ãg
A
Max.
25
180
250
±20
30
32
200
25


Similar Part No. - IRF6635TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6635TRPBF IRF-IRF6635TRPBF Datasheet
242Kb / 9P
   DirectFET Power MOSFET
IRF6635TRPBF IRF-IRF6635TRPBF Datasheet
253Kb / 10P
   Ideal for CPU Core DC-DC Converters
More results

Similar Description - IRF6635TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com