Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR21593PBF Datasheet(PDF) 10 Page - International Rectifier

Part # IR21593PBF
Description  DIMMING BALLAST CONTROL IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21593PBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IR21593PBF Datasheet HTML 6Page - International Rectifier IR21593PBF Datasheet HTML 7Page - International Rectifier IR21593PBF Datasheet HTML 8Page - International Rectifier IR21593PBF Datasheet HTML 9Page - International Rectifier IR21593PBF Datasheet HTML 10Page - International Rectifier IR21593PBF Datasheet HTML 11Page - International Rectifier IR21593PBF Datasheet HTML 12Page - International Rectifier IR21593PBF Datasheet HTML 13Page - International Rectifier IR21593PBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
IR21592/IR21593(S) &(PbF)
10
www.irf.com
Graph 3. IMIN vs RFMIN (IR21592/IR21593)
Graph 4. IIPH vs RFMIN (IR21592/IR21593)
Characteristic Curves
Graph 2. Frequency vs RFMIN (IR21593)
Graph 1. Frequency vs RFMIN (IR21592)
0
20
40
60
80
100
120
10
20
30
40
50
60
70
RFMIN (KΩ)
VVCO=5V
VVCO=2V
VVCO=0V
0
40
80
120
160
200
10
20
30
40
50
60
70
RFMIN (KΩ)
VVCO=5V
VVCO=2V
VVCO=0V
50
100
150
200
250
300
350
400
450
10
20
30
40
50
60
70
R
FMIN (KΩ)
10
20
30
40
50
60
70
80
90
100
110
10
20
30
40
50
60
70
R
FMIN (KΩ)


Similar Part No. - IR21593PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21593 IRF-IR21593 Datasheet
259Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21593 IRF-IR21593 Datasheet
267Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21593 IRF-IR21593 Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21593 IRF-IR21593 Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21593S IRF-IR21593S Datasheet
259Kb / 25P
   DIMMING BALLAST CONTROL IC
More results

Similar Description - IR21593PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21592 IRF-IR21592_15 Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592STRPBF IRF-IR21592STRPBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR2159 IRF-IR2159 Datasheet
261Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21592PBF IRF-IR21592PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592 Datasheet
259Kb / 25P
   DIMMING BALLAST CONTROL IC
IR2159S IRF-IR2159S Datasheet
267Kb / 25P
   DIMMING BALLAST CONTROL IC
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
International Rectifier
IRS2530D IRF-IRS2530D Datasheet
461Kb / 23P
   DIM8TM DIMMING BALLAST CONTROL IC
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
IRPLDIM1E IRF-IRPLDIM1E Datasheet
270Kb / 14P
   Dimming Ballast Control IC Design Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com