Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1AGX90 Datasheet(PDF) 31 Page - Altera Corporation

Part # EP1AGX90
Description  Package Information Datasheet for Mature Altera Devices
Download  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX90 Datasheet(HTML) 31 Page - Altera Corporation

Back Button EP1AGX90 Datasheet HTML 27Page - Altera Corporation EP1AGX90 Datasheet HTML 28Page - Altera Corporation EP1AGX90 Datasheet HTML 29Page - Altera Corporation EP1AGX90 Datasheet HTML 30Page - Altera Corporation EP1AGX90 Datasheet HTML 31Page - Altera Corporation EP1AGX90 Datasheet HTML 32Page - Altera Corporation EP1AGX90 Datasheet HTML 33Page - Altera Corporation EP1AGX90 Datasheet HTML 34Page - Altera Corporation EP1AGX90 Datasheet HTML 35Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 182 page
background image
Package Information Datasheet for Mature Altera Devices
31
Thermal Resistance
© December 2011
Altera Corporation
Package Information Datasheet for Mature Altera Devices
EPM7128B
UBGA
49
22.0
53.0
50.0
48.0
44.0
TQFP
100
11.0
38.0
36.0
34.0
31.0
FBGA
19.0
46.0
44.0
41.0
37.0
TQFP
144
9.0
32.0
30.0
29.0
26.0
UBGA
169
16.0
44.0
42.0
39.0
35.0
FBGA
256
13.0
40.0
38.0
36.0
33.0
EPM7128E
PLCC
84
10.0
29.0
28.0
26.0
23.0
PQFP
100
6.0
32.0
31.0
30.0
29.0
PQFP
160
6.0
32.0
31.0
30.0
28.0
EPM7128S
PLCC
84
10.0
30.0
28.0
26.0
23.0
TQFP
100
12.0
38.0
36.0
34.0
30.0
PQFP
10.0
35.0
34.0
33.0
32.0
PQFP
160
7.0
33.0
32.0
31.0
30.0
EPM7128AE
PLCC
84
11.0
30.0
28.0
26.0
23.0
TQFP
100
12.0
38.0
36.0
34.0
30.0
FBGA
14.0
43.0
40.0
38.0
37.0
TQFP
144
11.0
33.0
30.0
28.0
26.0
UBGA
169
14.0
42.0
40.0
38.0
36.0
FBGA
256
12.0
39.0
37.0
35.0
31.0
EPM7160E
PLCC
84
10.0
29.0
28.0
26.0
23.0
PQFP
100
6.0
32.0
31.0
30.0
29.0
PQFP
160
6.0
33.0
32.0
31.0
30.0
EPM7160S
PLCC
84
10.0
35.0
28.0
26.0
23.0
TQFP
100
12.0
37.0
35.0
33.0
30.0
PQFP
160
6.0
33.0
32.0
31.0
30.0
EPM7192S
PQFP
160
6.0
32.0
31.0
30.0
29.0
EPM7192E
PGA
160
6.0
20.0
13.0
10.0
8.0
PQFP
6.0
32.0
31.0
30.0
26.0
EPM7256A
TQFP
100
9.0
36.0
34.0
32.0
30.0
TQFP
144
8.0
32.0
27.0
25.0
24.0
PQFP
208
5.0
30.0
28.0
26.0
21.0
FBGA
256
12.0
34.0
32.0
29.0
28.0
EPM7256B
TQFP
100
12.0
37.0
35.0
33.0
30.0
TQFP
144
9.0
33.0
29.0
27.0
25.0
UBGA
169
13.0
40.0
38.0
36.0
34.0
PQFP
208
5.0
31.0
29.0
27.0
22.0
FBGA
256
9.0
34.0
32.0
30.0
28.0
Table 32. Thermal Resistance of MAX 7000 Devices (Part 2 of 3)
Device
Package
Pin
Count
JC (° C/W)
JA (° C/W)
Still Air
JA (° C/W)
100 ft./min.
JA (° C/W)
200 ft./min.
JA (° C/W)
400 ft./min.


Similar Part No. - EP1AGX90

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX90 ALTERA-EP1AGX90 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1AGX90CF1152C6N ALTERA-EP1AGX90CF1152C6N Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
EP1AGX90CF1152C6N ALTERA-EP1AGX90CF1152C6N Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
EP1AGX90CF1152C6N ALTERA-EP1AGX90CF1152C6N Datasheet
3Mb / 234P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
EP1AGX90CF1152I6N ALTERA-EP1AGX90CF1152I6N Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
More results

Similar Description - EP1AGX90

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1K30TC144-1N ALTERA-EP1K30TC144-1N Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1K30TC144-2N ALTERA-EP1K30TC144-2N Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX45DF25I3N ALTERA-EP2AGX45DF25I3N Datasheet
801Kb / 78P
   1. Device Datasheet for Arria II Devices
logo
ON Semiconductor
AND8308 ONSEMI-AND8308 Datasheet
121Kb / 4P
   Interpretation of Datasheet Parameters for ESD Devices
December, 2016 ??Rev. 2
logo
Agilent(Hewlett-Packard...
N5434A HP-N5434A Datasheet
895Kb / 8P
   FPGA Dynamic Probe for Altera
logo
Altera Corporation
EP4SGX290NF45C2N ALTERA-EP4SGX290NF45C2N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com