Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1AGX35 Datasheet(PDF) 27 Page - Altera Corporation

Part # EP1AGX35
Description  Package Information Datasheet for Mature Altera Devices
Download  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX35 Datasheet(HTML) 27 Page - Altera Corporation

Back Button EP1AGX35 Datasheet HTML 23Page - Altera Corporation EP1AGX35 Datasheet HTML 24Page - Altera Corporation EP1AGX35 Datasheet HTML 25Page - Altera Corporation EP1AGX35 Datasheet HTML 26Page - Altera Corporation EP1AGX35 Datasheet HTML 27Page - Altera Corporation EP1AGX35 Datasheet HTML 28Page - Altera Corporation EP1AGX35 Datasheet HTML 29Page - Altera Corporation EP1AGX35 Datasheet HTML 30Page - Altera Corporation EP1AGX35 Datasheet HTML 31Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 182 page
background image
Package Information Datasheet for Mature Altera Devices
27
Thermal Resistance
© December 2011
Altera Corporation
Package Information Datasheet for Mature Altera Devices
Cyclone Series Devices Thermal Resistance
Table 29 to Table 30 provide thermal resistance values for Cyclone series devices.
Cyclone II Devices
Table 29 lists the thermal resistance of Cyclone II devices.
Device
Package
Pin Count
JC (° C/W)
JA (° C/W)
Still Air
JA (° C/W)
100 ft./min.
JA (° C/W)
200 ft./min.
JA (° C/W)
400 ft./min.
EP1S30
FBGA,
Flip Chip
780
0.2
10.4
8.4
7.0
5.9
BGA,
Flip Chip
956
0.2
9.1
7.1
5.8
4.8
FBGA,
Flip Chip
1020
0.2
9.9
7.9
6.5
5.4
EP1S40
FBGA,
Flip Chip
780
0.2
10.4
8.3
6.9
5.8
BGA,
Flip Chip
956
0.2
9.0
7.0
5.7
4.7
FBGA,
Flip Chip
1020
0.2
9.8
7.8
6.4
5.3
FBGA,
Flip Chip
1508
0.2
9.1
7.1
5.8
4.7
EP1S60
BGA,
Flip Chip
956
0.1
8.9
6.9
5.6
4.6
FBGA,
Flip Chip
1020
0.1
9.7
7.7
6.3
5.2
FBGA,
Flip Chip
1508
0.1
8.9
7.0
5.6
4.6
EP1S80
BGA,
Flip Chip
956
0.1
8.8
6.8
5.5
4.5
FBGA,
Flip Chip
1020
0.1
9.6
7.6
6.2
5.1
FBGA,
Flip Chip
1508
0.1
8.8
6.9
5.5
4.5
Table 28. Thermal Resistance of Stratix Devices (Part 2 of 2)
Table 29. Thermal Resistance of Cyclone II Devices (Part 1 of 2)
Device
Package
Pin Count
JC (° C/W)
JA (° C/W)
Still Air
JA (° C/W)
100 ft./min.
JA (° C/W)
200 ft./min.
JA (° C/W)
400 ft./min.
EP2C5
TQFP,
Wire Bond
144
10.0
31.0
29.3
27.9
25.5
PQFP,
Wire Bond
208
5.5
30.4
29.2
27.3
22.3
FBGA,
Wire Bond
256
8.7
30.2
26.1
23.6
21.7


Similar Part No. - EP1AGX35

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX35 ALTERA-EP1AGX35 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1AGX35C ALTERA-EP1AGX35C Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP1AGX35C ALTERA-EP1AGX35C Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP1AGX35C ALTERA-EP1AGX35C Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP1AGX35C ALTERA-EP1AGX35C Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP1AGX35

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1K30TC144-1N ALTERA-EP1K30TC144-1N Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1K30TC144-2N ALTERA-EP1K30TC144-2N Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX45DF25I3N ALTERA-EP2AGX45DF25I3N Datasheet
801Kb / 78P
   1. Device Datasheet for Arria II Devices
logo
ON Semiconductor
AND8308 ONSEMI-AND8308 Datasheet
121Kb / 4P
   Interpretation of Datasheet Parameters for ESD Devices
December, 2016 ??Rev. 2
logo
Agilent(Hewlett-Packard...
N5434A HP-N5434A Datasheet
895Kb / 8P
   FPGA Dynamic Probe for Altera
logo
Altera Corporation
EP4SGX290NF45C2N ALTERA-EP4SGX290NF45C2N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com