Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELJQF5N6F Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ELJQF5N6F
Description  Fixed Inductors (Chip Inductors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJQF5N6F Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ELJQF5N6F Datasheet HTML 1Page - Panasonic Semiconductor ELJQF5N6F Datasheet HTML 2Page - Panasonic Semiconductor ELJQF5N6F Datasheet HTML 3Page - Panasonic Semiconductor ELJQF5N6F Datasheet HTML 4Page - Panasonic Semiconductor ELJQF5N6F Datasheet HTML 5Page - Panasonic Semiconductor ELJQF5N6F Datasheet HTML 6Page - Panasonic Semiconductor ELJQF5N6F Datasheet HTML 7Page - Panasonic Semiconductor ELJQF5N6F Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
2.0 to 2.6
0.8 to 1.0
1.6
0.8
0.3
0.3
QE Type 1608 (0603)
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
Standard Packing Quantity
● 3000 pcs./Reel
□ : Symbol of Tolerance
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Standard Parts (E12 series)
Part No.
Inductance
Q
SRF ✽1
(MHz) min.
RDC ✽2
(
Ω) max.
DC Current
(mA) max.
(nH)
Tolerance (%)
Test Freq.
(MHz)
100 MHz
min.
800 MHz
typ.
ELJQE2N2
□FA
2.2
D : ±0.3 nH
Z : ±0.2 nH
100
15
88.6
6000
0.04
970
ELJQE2N7
□FA
2.7
65.4
6000
0.05
880
ELJQE3N3
□FA
3.3
61.3
6000
0.06
800
ELJQE3N9
□FA
3.9
68.4
6000
0.07
750
ELJQE4N7
□FA
4.7
65.2
6000
0.09
660
ELJQE5N6
□FA
5.6
57.4
6000
0.11
600
ELJQE6N8
□FA
6.8
J : ±5 %
65.0
6000
0.14
540
ELJQE8N2
□FA
8.2
65.5
5700
0.17
490
ELJQE10N
□FA
10
G : ±2 %
63.8
5300
0.21
450
ELJQE12N
□FA
12
61.9
4900
0.26
400
ELJQE15N
□FA
15
59.0
4400
0.34
350
ELJQE18N
□FA
18
58.6
4000
0.41
320
ELJQE22N
□FA
22
59.1
3700
0.52
290
ELJQE27N
□FA
27
55.0
3400
0.66
260
ELJQE33N
□FA
33
54.2
3000
0.82
230
ELJQE39N
□FA
39
52.9
2800
1.00
210
ELJQE47N
□FA
47
54.4
2500
1.23
190
ELJQE56N
□FA
56
51.5
2500
1.51
180
Nov. 2013
03
10


Similar Part No. - ELJQF5N6F

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
ELJ-450-628 EPIGAP-ELJ-450-628 Datasheet
377Kb / 5P
   Jumbo-LED
ELJ-460-617 EPIGAP-ELJ-460-617 Datasheet
416Kb / 5P
   Jumbo-LED
ELJ-460-628 EPIGAP-ELJ-460-628 Datasheet
234Kb / 4P
   Jumbo-LED
ELJ-465-617 EPIGAP-ELJ-465-617 Datasheet
415Kb / 5P
   Jumbo-LED
logo
Roithner LaserTechnik G...
ELJ-465-627 ROITHNER-ELJ-465-627 Datasheet
251Kb / 4P
   High Power LED
More results

Similar Description - ELJQF5N6F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-NDR56JF PANASONIC-ELJ-NDR56JF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-RF1N0DFB PANASONIC-ELJ-RF1N0DFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-PC150KF PANASONIC-ELJ-PC150KF Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com