Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2386CN Datasheet(PDF) 5 Page - Elantec Semiconductor

Part # EL2386CN
Description  250 MHz Triple Current Feedback Amp w/Disable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2386CN Datasheet(HTML) 5 Page - Elantec Semiconductor

  EL2386CN Datasheet HTML 1Page - Elantec Semiconductor EL2386CN Datasheet HTML 2Page - Elantec Semiconductor EL2386CN Datasheet HTML 3Page - Elantec Semiconductor EL2386CN Datasheet HTML 4Page - Elantec Semiconductor EL2386CN Datasheet HTML 5Page - Elantec Semiconductor EL2386CN Datasheet HTML 6Page - Elantec Semiconductor EL2386CN Datasheet HTML 7Page - Elantec Semiconductor EL2386CN Datasheet HTML 8Page - Elantec Semiconductor EL2386CN Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
EL2386C
250 MHz Triple Current Feedback Amp wDisable
Typical Performance Curves
Contd
Response (Gain)
Non-Inverting Frequency
2386-4
Response (Phase)
Non-Inverting Frequency
2386-5
for Various RF and RG
Frequency Response
2386-6
Response (Gain)
Inverting Frequency
2386-7
Response (Phase)
Inverting Frequency
2386-8
for Various RL and CL
Frequency Response
2386-9
vs Frequency
Transimpedance (ROL)
2386-10
vs Frequency
PSRR and CMRR
2386-11
Various CINb
Frequency Response for
2386-12
5


Similar Part No. - EL2386CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2386CS INTERSIL-EL2386CS Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Renesas Technology Corp
EL2386CS RENESAS-EL2386CS Datasheet
894Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Intersil Corporation
EL2386CS-T13 INTERSIL-EL2386CS-T13 Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Renesas Technology Corp
EL2386CS-T13 RENESAS-EL2386CS-T13 Datasheet
894Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Intersil Corporation
EL2386CS-T7 INTERSIL-EL2386CS-T7 Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
More results

Similar Description - EL2386CN

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2176C ELANTEC-EL2176C Datasheet
359Kb / 20P
   70 MHz/1 mA Current Mode Feedback Amp w/Disable
logo
Intersil Corporation
EL2276 INTERSIL-EL2276 Datasheet
328Kb / 14P
   70MHz/1mA Current Mode Feedback Amp w/Disable
logo
Elantec Semiconductor
EL2186C ELANTEC-EL2186C Datasheet
534Kb / 19P
   250MHz/3mA Current Mode Feedback Amp w/Disable
logo
Intersil Corporation
EL2186 INTERSIL-EL2186 Datasheet
343Kb / 14P
   250MHz/3mA Current Mode Feedback Amp w/Disable
EL2176 INTERSIL-EL2176 Datasheet
316Kb / 14P
   70MHz/1mA Current Mode Feedback Amp W/Disable
logo
Renesas Technology Corp
EL2276 RENESAS-EL2276 Datasheet
870Kb / 14P
   70MHz/1mA Current Mode Feedback Amp w/Disable
logo
Intersil Corporation
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Renesas Technology Corp
EL2386 RENESAS-EL2386 Datasheet
894Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Burr-Brown (TI)
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Elantec Semiconductor
EL4393C ELANTEC-EL4393C Datasheet
270Kb / 12P
   Triple 80 MHz Video Amplifier w/Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com