Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2450CN Datasheet(PDF) 9 Page - Elantec Semiconductor

Part # EL2450CN
Description  125MHz Single Supply Dual/Quad Op Amps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2450CN Datasheet(HTML) 9 Page - Elantec Semiconductor

Back Button EL2450CN Datasheet HTML 5Page - Elantec Semiconductor EL2450CN Datasheet HTML 6Page - Elantec Semiconductor EL2450CN Datasheet HTML 7Page - Elantec Semiconductor EL2450CN Datasheet HTML 8Page - Elantec Semiconductor EL2450CN Datasheet HTML 9Page - Elantec Semiconductor EL2450CN Datasheet HTML 10Page - Elantec Semiconductor EL2450CN Datasheet HTML 11Page - Elantec Semiconductor EL2450CN Datasheet HTML 12Page - Elantec Semiconductor EL2450CN Datasheet HTML 13Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
EL2250C, EL2450C
125MHz Single Supply Dual/Quad Op Amps
Simplified Schematic
Package Power Dissipation vs Ambient Temp.
SEMI G42-88 Single Layer Test Board
Ambient Temperature (°C)
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
85
1.54W
1.25W
PDIP
14 θ
JA=81
°C/W
PDIP
8 θ
JA=100
°C/W
Package Power Dissipation vs Ambient Temp.
JEDEC JESD51-3 Low Effective Thermal Conductivity Test Board
Ambient Temperature (°C)
1.2
1
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
85
1.042W
781W
SO1
4 θ
JA=12
0°C/
W
SO8
θJA=1
60°C
/W


Similar Part No. - EL2450CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2450CN INTERSIL-EL2450CN Datasheet
419Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
EL2450CN INTERSIL-EL2450CN Datasheet
362Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2450CN RENESAS-EL2450CN Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
More results

Similar Description - EL2450CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Intersil Corporation
EL2150 INTERSIL-EL2150 Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
   Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
   Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
   1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
   Single/Quad/Dual Op Amps
Rev 5; 1/14
logo
Linear Technology
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com