Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ150A Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SMBJ150A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SMBJ150A Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SMBJ150A Datasheet HTML 1Page - EIC discrete Semiconductors SMBJ150A Datasheet HTML 2Page - EIC discrete Semiconductors SMBJ150A Datasheet HTML 3Page - EIC discrete Semiconductors SMBJ150A Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at Ta = 25
?C ambient temperature unless otherwise specified
Reverse
Maximum
Maximum
Maximum
Breakdown Voltage @ IT
Stand-off
Reverse
Peak Pulse
Clamping
( Note 1 )
Voltage
Leakage
Surge Current
Voltage @ IPPM
TYPE
Marking Code
@ VWM
(See Fig. 2)
VBR (V)
IT
VWM
IR
IPPM
VC
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
SMBJ5.0
606I
6.40
7.55
10
5.0
800
62.5
9.6
SMBJ5.0A
656I
6.40
7.25
10
5.0
800
65.2
9.2
SMBJ6.0
607C
6.67
8.45
10
6.0
800
52.6
11.4
SMBJ6.0A
657C
6.67
7.67
10
6.0
800
58.3
10.3
SMBJ6.5
607I
7.22
9.14
10
6.5
500
48.7
12.3
SMBJ6.5A
657I
7.22
8.30
10
6.5
500
53.6
11.2
SMBJ7.0
608E
7.78
9.86
10
7.0
200
45.1
13.3
SMBJ7.0A
658E
7.78
8.95
10
7.0
200
50.0
12.0
SMBJ7.5
609A
8.33
10.67
1.0
7.5
100
42.0
14.3
SMBJ7.5A
659A
8.33
9.58
1.0
7.5
100
46.5
12.9
SMBJ8.0
609G
8.89
11.3
1.0
8.0
50
40.0
15.0
SMBJ8.0A
659G
8.89
10.23
1.0
8.0
50
44.1
13.6
SMBJ8.5
6010
9.44
11.92
1.0
8.5
20
37.7
15.9
SMBJ8.5A
6510
9.44
10.82
1.0
8.5
20
41.7
14.4
SMBJ9.0
6011
10.0
12.6
1.0
9.0
10
35.5
16.9
SMBJ9.0A
6511
10.0
11.5
1.0
9.0
10
39.0
15.4
SMBJ10
6012
11.1
14.1
1.0
10
5.0
31.9
18.8
SMBJ10A
6512
11.1
12.8
1.0
10
5.0
35.3
17.0
SMBJ11
6013
12.2
15.4
1.0
11
5.0
29.9
20.1
SMBJ11A
6513
12.2
14.0
1.0
11
5.0
33.0
18.2
SMBJ12
6014
13.3
16.9
1.0
12
5.0
27.3
22.0
SMBJ12A
6514
13.3
15.3
1.0
12
5.0
30.2
19.9
SMBJ13
6015
14.4
18.2
1.0
13
5.0
25.2
23.8
SMBJ13A
6515
14.4
16.5
1.0
13
5.0
27.9
21.5
SMBJ14
6017
15.6
19.8
1.0
14
5.0
23.3
25.8
SMBJ14A
6517
15.6
17.9
1.0
14
5.0
25.8
23.2
SMBJ15
6018
16.7
21.1
1.0
15
5.0
22.3
26.9
SMBJ15A
6518
16.7
19.2
1.0
15
5.0
24.0
24.4
SMBJ16
6019
17.8
22.6
1.0
16
5.0
20.8
28.8
SMBJ16A
6519
17.8
20.5
1.0
16
5.0
23.1
26.0
SMBJ17
6020
18.9
23.9
1.0
17
5.0
19.7
30.5
SMBJ17A
6520
18.9
21.7
1.0
17
5.0
21.7
27.6
SMBJ18
6022
20.0
25.3
1.0
18
5.0
18.6
32.2
SMBJ18A
6522
20.0
23.3
1.0
18
5.0
20.5
29.2
SMBJ20
6024
22.2
28.1
1.0
20
5.0
16.7
35.8
SMBJ20A
6524
22.2
25.5
1.0
20
5.0
18.5
32.4
SMBJ22
6026
24.4
30.9
1.0
22
5.0
15.2
39.4
SMBJ22A
6526
24.4
28.0
1.0
22
5.0
16.9
35.5
SMBJ24
6029
26.7
33.8
1.0
24
5.0
14.0
43.0
SMBJ24A
6529
26.7
30.7
1.0
24
5.0
15.4
38.9
SMBJ26
6031
28.9
36.6
1.0
26
5.0
12.4
46.6
SMBJ26A
6531
28.9
33.2
1.0
26
5.0
14.2
42.1
SMBJ28
6033
31.1
39.4
1.0
28
5.0
12.0
50.0
SMBJ28A
6533
31.1
35.8
1.0
28
5.0
13.2
45.4
SMBJ30
6036
33.3
42.2
1.0
30
5.0
11.2
53.5
SMBJ30A
6536
33.1
38.3
1.0
30
5.0
12.4
46.6
TEL. : (66 2) 326-0102, 739-4580
FAX. : (66 2) 326-0933 E-mail : eicfirst @ iname.com http. : // www.eicsemi.com
103 MOO 4, LATKRABANG EXPORT PROCESSING ZONE, LATKRABANG, BANGKOK 10520, THAILAND
ELECTRONICS INDUSTRY (USA) CO., LTD.


Similar Part No. - SMBJ150A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ150A JGD-SMBJ150A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
SMBJ150A DIGITRON-SMBJ150A Datasheet
188Kb / 4P
   SURFACE MOUNT 600W TVS
logo
Micro Commercial Compon...
SMBJ150A MCC-SMBJ150A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Guangdong Juxing Electr...
SMBJ150A JUXING-SMBJ150A Datasheet
898Kb / 4P
   Surface Mount Transient Voltage Suppressor Power 600W
logo
Diodes Incorporated
SMBJ150A DIODES-SMBJ150A Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
More results

Similar Description - SMBJ150A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com